전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCD5704 데이터시트(PDF) 6 Page - Texas Instruments

부품명 CDCD5704
상세설명  Rambus XDR CLOCK GENERATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CDCD5704 데이터시트(HTML) 6 Page - Texas Instruments

Back Button CDCD5704_07 Datasheet HTML 2Page - Texas Instruments CDCD5704_07 Datasheet HTML 3Page - Texas Instruments CDCD5704_07 Datasheet HTML 4Page - Texas Instruments CDCD5704_07 Datasheet HTML 5Page - Texas Instruments CDCD5704_07 Datasheet HTML 6Page - Texas Instruments CDCD5704_07 Datasheet HTML 7Page - Texas Instruments CDCD5704_07 Datasheet HTML 8Page - Texas Instruments CDCD5704_07 Datasheet HTML 9Page - Texas Instruments CDCD5704_07 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.ti.com
Serial Interface Configuration Command Bitmap
Byte 0
Byte 1
Byte 2
CDCD5704
SCAS823 – DECEMBER 2006
Bit
Bit Name
Description/Function
Type
Power-Up Condition
7
RES
Reserved
R/W
0
6
MULT2
Multiplication factor, bit 2
R/W
0
5
MULT1
Multiplication factor, bit 1
R/W
0
4
MULT0
Multiplication factor, bit 0
R/W
1
3
RegA
Enable CLK0
R/W
1
2
RegB
Enable CLK1
R/W
1
1
RegC
Enable CLK2
R/W
1
0
RegD
Enable CLK3
R/W
1
Bit
Bit Name
Description/Function
Type
Power-Up Condition
7
RES
Reserved
R/W
0
6
RES
Reserved
R/W
0
5
RES
Reserved
R/W
0
4
RES
Reserved
R/W
0
3
RES
Reserved for vendor option
R/W
0
2
RES
Reserved for vendor option
R/W
0
1
RES
Reserved for vendor option
R/W
0
0
RegTest
Vendor test register. If high, then Vendor Test
R/W
0
Bit
Bit Name
Description/Function
Type
Power-Up Condition
7
REV0
Device revision, bit 4
R
0
6
REV0
Device revision, bit 3
R
0
5
REV0
Device revision, bit 2
R
0
4
REV0
Device revision, bit 1
R
0
3
REV0
Device revision, bit 0
R
0
2
VID2
Vendor ID bit 2
R
0
1
VID1
Vendor ID bit 1
R
1
0
VID0
Vendor ID bit 0
R
1
6
Submit Documentation Feedback


유사한 부품 번호 - CDCD5704_07

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCD5704PW TI-CDCD5704PW Datasheet
306Kb / 17P
[Old version datasheet]   Rambus TM XDR TM CLOCK GENERATOR
CDCD5704PWG4 TI-CDCD5704PWG4 Datasheet
306Kb / 17P
[Old version datasheet]   Rambus TM XDR TM CLOCK GENERATOR
CDCD5704PWR TI-CDCD5704PWR Datasheet
306Kb / 17P
[Old version datasheet]   Rambus TM XDR TM CLOCK GENERATOR
CDCD5704PWRG4 TI-CDCD5704PWRG4 Datasheet
306Kb / 17P
[Old version datasheet]   Rambus TM XDR TM CLOCK GENERATOR
More results

유사한 설명 - CDCD5704_07

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
CY24271 CYPRESS-CY24271_11 Datasheet
533Kb / 16P
   Rambus XDR??Clock Generator
logo
Integrated Circuit Syst...
ICS9214 ICST-ICS9214 Datasheet
216Kb / 16P
   Rambus XDR Clock Generator
logo
Texas Instruments
CDCD5704 TI-CDCD5704 Datasheet
306Kb / 17P
[Old version datasheet]   Rambus TM XDR TM CLOCK GENERATOR
logo
Cypress Semiconductor
CY24272 CYPRESS-CY24272_11 Datasheet
548Kb / 16P
   Rambus XDR??Clock Generator with Zero SDA Hold Time
logo
Macronix International
MX8335 MCNIX-MX8335 Datasheet
40Kb / 6P
   RAMBUS CLOCK GENERATOR
logo
Cypress Semiconductor
CY24271 CYPRESS-CY24271 Datasheet
322Kb / 13P
   Rambus짰 XDR??Clock Generator
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
   Direct RAMbus Clock Generator
1999 Jan 19
logo
Silicon Laboratories
W134 SILABS-W134 Datasheet
112Kb / 11P
   Direct Rambus??Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com