전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSTD16861 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FSTD16861
상세설명  20-Bit Bus Switch with Level Shifting
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTD16861 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FSTD16861 Datasheet HTML 1Page - Fairchild Semiconductor FSTD16861 Datasheet HTML 2Page - Fairchild Semiconductor FSTD16861 Datasheet HTML 3Page - Fairchild Semiconductor FSTD16861 Datasheet HTML 4Page - Fairchild Semiconductor FSTD16861 Datasheet HTML 5Page - Fairchild Semiconductor FSTD16861 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions (Note 5)
Note 2: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum rating.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 3: VS is the voltage observed/applied at either the A or B Ports across
the switch.
Note 4: The input and output negative voltage ratings may be exceeded if
the input and output diode current ratings are observed.
Note 5: Unused control inputs must be held HIGH or LOW. They may not
float.
DC Electrical Characteristics
Note 6: Typical values are at VCC
5.0V and TA 25qC
Note 7: Measured by the voltage drop between A and B pins at the indicated current through the switch. On Resistance is determined by the lower of the
voltages on the two (A or B) pins.
Supply Voltage (VCC)
0.5V to 7.0V
DC Switch Voltage (VS) (Note 3)
0.5V to 7.0V
DC Input Voltage (VIN) (Note 4)
0.5V to 7.0V
DC Input Diode Current (lIK) VIN  0V
50 mA
DC Output Current (IOUT)128 mA
DC VCC/GND Current (ICC/IGND)
r100 mA
Storage Temperature Range (TSTG)
65qC to 150 qC
Power Supply Operating (VCC)
4.5V to 5.5V
Input Voltage (VIN)
0V to 5.5V
Output Voltage (VOUT)
0V to 5.5V
Input Rise and Fall Time (tr, tf)
Switch Control Input
0 ns/V to 5 ns/V
Switch I/O
0 ns/V to DC
Free Air Operating Temperature (TA)-40 qC to 85 qC
Symbol
Parameter
VCC
TA 40 qC to 85 qC
Units
Conditions
(V)
Min
Typ
(Note 6)
Max
VIK
Clamp Diode Voltage
4.5
1.2
V
IIN 18 mA
VIH
HIGH Level Input Voltage
4.5-5.5
2.0
V
VIL
LOW Level Input Voltage
4.5-5.5
0.8
V
VOH
HIGH Level
4.5-5.5
See Figure 3
V
II
Input Leakage Current
5.5
r1.0
PA0 d VIN d 5.5V
010
PAVIN 5.5V
IOZ
OFF-STATE Leakage Current
5.5
r1.0
PA0 d A, B d VCC
RON
Switch On Resistance
4.5
4
7
:
VIN 0V, IIN 64 mA
(Note 7)
4.5
4
7
:
VIN 0V, IIN 30 mA
4.5
35
50
:
VIN 2.4V, IIN 15 mA
ICC
Quiescent Supply Current
5.5
1.5
mA
OE1 OE2 GND
VIN VCC or GND, IOUT 0
10
PA
OE1 OE2 VCC
VIN VCC or GND, IOUT 0
' ICC
Increase in ICC per Input
5.5
2.5
mA
One Input at 3.4V
Other Inputs at VCC or GND


유사한 부품 번호 - FSTD16861

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSTD16861 FAIRCHILD-FSTD16861 Datasheet
164Kb / 5P
   20-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD16861 ONSEMI-FSTD16861 Datasheet
273Kb / 8P
   20-Bit Bus Switch with Level Shifting
Revised June 2005
logo
Fairchild Semiconductor
FSTD16861MTD FAIRCHILD-FSTD16861MTD Datasheet
164Kb / 5P
   20-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD16861MTD ONSEMI-FSTD16861MTD Datasheet
273Kb / 8P
   20-Bit Bus Switch with Level Shifting
Revised June 2005
More results

유사한 설명 - FSTD16861

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSTD16861 FAIRCHILD-FSTD16861 Datasheet
164Kb / 5P
   20-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD16861 ONSEMI-FSTD16861 Datasheet
273Kb / 8P
   20-Bit Bus Switch with Level Shifting
Revised June 2005
logo
Texas Instruments
SN74CBTD16210 TI-SN74CBTD16210 Datasheet
87Kb / 6P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16210DGGR TI-SN74CBTD16210DGGR Datasheet
352Kb / 12P
[Old version datasheet]   SN74CBTD16210 20-BIT FET BUS SWITCH WITH LEVEL SHIFTING
logo
Fairchild Semiconductor
FSTD3125 FAIRCHILD-FSTD3125_05 Datasheet
153Kb / 7P
   4-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD3125 ONSEMI-FSTD3125 Datasheet
617Kb / 10P
   4-Bit Bus Switch with Level Shifting
May 2012 Rev. 1.0.3
logo
Fairchild Semiconductor
FSTD16211 FAIRCHILD-FSTD16211 Datasheet
322Kb / 7P
   24-Bit Bus Switch with Level Shifting
FSTD3125 FAIRCHILD-FSTD3125_12 Datasheet
642Kb / 8P
   4-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD16211 ONSEMI-FSTD16211 Datasheet
410Kb / 9P
   24-Bit Bus Switch with Level Shifting
Revised April 2005
logo
NXP Semiconductors
CBTD16210 PHILIPS-CBTD16210_15 Datasheet
89Kb / 10P
   20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com