전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSUSB11MTCX 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FSUSB11MTCX
상세설명  Low-Power Full-Speed USB (12Mbps) Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB11MTCX 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FSUSB11MTCX Datasheet HTML 1Page - Fairchild Semiconductor FSUSB11MTCX Datasheet HTML 2Page - Fairchild Semiconductor FSUSB11MTCX Datasheet HTML 3Page - Fairchild Semiconductor FSUSB11MTCX Datasheet HTML 4Page - Fairchild Semiconductor FSUSB11MTCX Datasheet HTML 5Page - Fairchild Semiconductor FSUSB11MTCX Datasheet HTML 6Page - Fairchild Semiconductor FSUSB11MTCX Datasheet HTML 7Page - Fairchild Semiconductor FSUSB11MTCX Datasheet HTML 8Page - Fairchild Semiconductor FSUSB11MTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
October 2006
FSUSB11 Rev. 1.0.2
FSUSB11
Low-Power Full-Speed USB (12Mbps) Switch
Features
Space saving MicroPak™ Pb-free packaging
(1.6 x 2.1mm)
USB 1.1 signal switching compliant
-3db bandwidth: >350MHz
Maximum 1.15Ω RON at 4.5V VCC
and 4
Ω for 2.7V supply
0.3Ω maximum RON flatness for +5V supply
Broad VCC operating range: 1.65V to 5.5V
Fast turn-on and turn-off time
Break-before-make enable circuitry
Over-voltage tolerant, TTL-compatible control input
Applications
Cell Phone
PDS
Digital Camera
Notebook
Description
The FSUSB11 is a high-performance, dual Single-Pole
Double-Throw (SPDT) switch designed for switching
USB 1.1 signals. The device features ultra-low on resis-
tance (RON) of 1.15Ω maximum at 4.5V VCC and 4.3Ω at
2.7V supply. High bandwidth and ultra low (RON) make
this switch able to pass both USB low- and full-speed
signal with minimum signal distortion. The device is fabri-
cated with sub-micron CMOS technology to achieve fast
switching speeds and designed for break-before-make
operation. The select input is TTL-level compatible.
Ordering Information
Pb-Free package per JEDEC J-STD-020B.
Block Diagram
MicroPak™ is a trademark of Fairchild Semiconductor Corporation.
Part Number
Package
Top
Mark
Pb-
Free
Packing Method
FSUSB11L10X
10-Lead MicroPak, 1.6 x 2.1mm
ET
Yes
5K units on tape and reel
FSUSB11MTCX 14-Lead Thin Shrink Small Outline Package
(TSSOP), JEDEC MO-153, 4.4mm Wide
FSUSB11
Yes
2500 units on tape andreel
FSUSB11MUX
(Preliminary)
10-Lead Molded Small Outline Package
(MSOP), JEDEC MO-187, 3.0mm
FSUSB11
Yes
3K units on tape and reel


유사한 부품 번호 - FSUSB11MTCX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FSUSB11MTCX ONSEMI-FSUSB11MTCX Datasheet
608Kb / 12P
   Low-Power, Full-Speed (12Mbps) Switch
November 2009 Rev. 1.0.4
logo
Fairchild Semiconductor
FSUSB11MTCX FAIRCHILD-FSUSB11MTCX_09 Datasheet
557Kb / 10P
   Low-Power, Full-Speed (12Mbps) Switch
More results

유사한 설명 - FSUSB11MTCX

제조업체부품명데이터시트상세설명
logo
SG Micro Corp
SGM2258 SGMICRO-SGM2258 Datasheet
335Kb / 11P
   Full-Speed USB (12Mbps) Switch
logo
Fairchild Semiconductor
FSUSB11 FAIRCHILD-FSUSB11_09 Datasheet
557Kb / 10P
   Low-Power, Full-Speed (12Mbps) Switch
logo
ON Semiconductor
FSUSB11 ONSEMI-FSUSB11 Datasheet
608Kb / 12P
   Low-Power, Full-Speed (12Mbps) Switch
November 2009 Rev. 1.0.4
logo
Feeling Technology Corp...
FM8PU86LV FEELING-FM8PU86LV Datasheet
1Mb / 40P
   Low Power Full-Speed USB Controller
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
   USB 2.0 Full-Speed/Low-Speed Transceiver
logo
Analog Devices
ADUM4160 AD-ADUM4160 Datasheet
425Kb / 14P
   Full/Low Speed USB Digital Isolator
Rev. Pr F
ADUM4160 AD-ADUM4160_09 Datasheet
302Kb / 16P
   Full/Low Speed USB Digital Isolator
REV. A
logo
Feeling Technology Corp...
FM8PU86LK FEELING-FM8PU86LK Datasheet
861Kb / 36P
   Full-Speed USB Controller
logo
ELAN Microelectronics C...
EM78M680 EMC-EM78M680 Datasheet
650Kb / 53P
   USB Full Speed Microcontroller
logo
Texas Instruments
ISOUSB111 TI-ISOUSB111_V01 Datasheet
1Mb / 35P
[Old version datasheet]   ISOUSB111 Full/Low Speed Isolated USB Repeater
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com