전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSUSB23BQX 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FSUSB23BQX
상세설명  Low Power Hi-Speed USB 2.0 (480Mbps) Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB23BQX 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FSUSB23BQX Datasheet HTML 1Page - Fairchild Semiconductor FSUSB23BQX Datasheet HTML 2Page - Fairchild Semiconductor FSUSB23BQX Datasheet HTML 3Page - Fairchild Semiconductor FSUSB23BQX Datasheet HTML 4Page - Fairchild Semiconductor FSUSB23BQX Datasheet HTML 5Page - Fairchild Semiconductor FSUSB23BQX Datasheet HTML 6Page - Fairchild Semiconductor FSUSB23BQX Datasheet HTML 7Page - Fairchild Semiconductor FSUSB23BQX Datasheet HTML 8Page - Fairchild Semiconductor FSUSB23BQX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
www.fairchildsemi.com
FSUSB23 Rev. 1.0.0
Absolute Maximum Ratings
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The
device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables
are not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table will define the
conditions for actual device operation.
Recommended Operating Conditions(2)
Notes:
1. The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are
observed. DC switch voltage may never exceed 4.6V.
2. Control input must be held HIGH or LOW and it must not float.
Symbol
Parameter
Rating
VCC
Supply Voltage
−0.5V to +4.6V
DC Switch Voltage(1)
−0.5V to V
CC + 0.5V
VIN
DC Input Voltage(1)
−0.5V to +4.6V
DC Input Diode Current
−50mA
DC Output Current
50mA
Storage Temperature
−65°C to +150°C
ESD (Human Body Model)
All Pins
I/O to GND
7kV
7kV
Symbol
Parameter
Rating
VCC
Supply Voltage
3.0V to 3.6V
Control Input Voltage
0V to VCC
Switch Input Voltage
0V to VCC
Operating Temperature
−40°C to +85°C
Thermal Resistance
10 MicroPak
250°C/W


유사한 부품 번호 - FSUSB23BQX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSUSB23BQX FAIRCHILD-FSUSB23BQX Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23BQX FAIRCHILD-FSUSB23BQX Datasheet
768Kb / 10P
   High-Speed, USB2.0 (480Mbps) Switch
More results

유사한 설명 - FSUSB23BQX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8030 IDT-IDTUS8030 Datasheet
264Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
690Kb / 14P
   Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
logo
Renesas Technology Corp
US8030 RENESAS-US8030 Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
logo
Integrated Device Techn...
IDTUS8032 IDT-IDTUS8032 Datasheet
309Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Fairchild Semiconductor
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com