전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSUSB22MTCX_NL 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FSUSB22MTCX_NL
상세설명  Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB22MTCX_NL 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FSUSB22MTCX_NL Datasheet HTML 2Page - Fairchild Semiconductor FSUSB22MTCX_NL Datasheet HTML 3Page - Fairchild Semiconductor FSUSB22MTCX_NL Datasheet HTML 4Page - Fairchild Semiconductor FSUSB22MTCX_NL Datasheet HTML 5Page - Fairchild Semiconductor FSUSB22MTCX_NL Datasheet HTML 6Page - Fairchild Semiconductor FSUSB22MTCX_NL Datasheet HTML 7Page - Fairchild Semiconductor FSUSB22MTCX_NL Datasheet HTML 8Page - Fairchild Semiconductor FSUSB22MTCX_NL Datasheet HTML 9Page - Fairchild Semiconductor FSUSB22MTCX_NL Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.fairchildsemi.com
6
AC Loading and Waveforms
Note: Input driven by 50
: source terminated in 50:
Note: CL includes load and stray capacitance
Note: Input PRR
1.0 MHz, tW 500 ns
FIGURE 5. AC Test Circuit
FIGURE 6. AC Waveforms
FIGURE 7. OFF Isolation Test
FIGURE 8. Crosstalk Test
FIGURE 9. Bandwidth Test


유사한 부품 번호 - FSUSB22MTCX_NL

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSUSB22MTCX FAIRCHILD-FSUSB22MTCX Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
More results

유사한 설명 - FSUSB22MTCX_NL

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8030 IDT-IDTUS8030 Datasheet
264Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
690Kb / 14P
   Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
logo
Renesas Technology Corp
US8030 RENESAS-US8030 Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com