전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6130A2RTJRG4 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA6130A2RTJRG4
상세설명  138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA6130A2RTJRG4 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPA6130A2RTJRG4 Datasheet HTML 6Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 7Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 8Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 9Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 10Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 11Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 12Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 13Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
250
50
100
150
200
0
10
100
1k
Load- W
f
=1kHz,
Gain=0.1dB,
THD+N=1%,
Stereo
IN
V
=2.5V
DD
V
=3.6V
DD
V
=5V
DD
500
100
200
300
400
0
10
100
1k
Load- W
f
=1kHz,
Gain=6.1dB,
THD+N=1%,
BTL
IN
V
=2.5V
DD
V
=3.6V
DD
V
=5V
DD
0
-70
-60
-50
-40
-30
-20
-10
-80
20
100
1k
10k 20k
f-Frequency-Hz
R =16
,
Gain=6.1dB,
C =2.2 F,
BTL
L
W
m
I
V
=2.5V
DD
V
=5V
DD
V
=3.6V
DD
1
3
5
7
9
11
13
10
100
1000
Load- W
V
=3.6V
DD
THD+N=1%
Gain=6.1dB,
f
=1kHz,
BTL
IN
V
=2.5V
DD
V
=5V
DD
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
10
100
1000
Load- W
V
=3.6V
DD
V
=5V
DD
THD+N=1%
Gain=0.1dB,
f
=1kHz,
Stereo
IN
V
=2.5V
DD
1
0.2
0.4
0.6
0.8
0
0
50
100
150
200
250
300
350
400
P
-OutputPower-mW
O
R =16
,
Gain=0.1dB,
Stereo
L
W
V
=2.5V
DD
V
=5V
DD
V
=3.6V
DD
100
60
40
50
70
80
90
30
-60
-50
-40
-30
-20
-10
0
10
Gain-dB
V
=3.6V
DD
TPA6130A2
SLOS488A – NOVEMBER 2006 – REVISED DECEMBER 2006
COMMON MODE REJECTION RATIO
OUTPUT POWER
OUTPUT POWER
vs
vs
vs
FREQUENCY
LOAD
LOAD
Figure 27.
Figure 28.
Figure 29.
OUTPUT VOLTAGE
OUTPUT VOLTAGE
POWER DISSIPATION
vs
vs
vs
LOAD
LOAD
OUTPUT POWER
Figure 30.
Figure 31.
Figure 32.
DIFFERENTIAL INPUT IMPEDANCE
vs
GAIN
Figure 33.
10


유사한 부품 번호 - TPA6130A2RTJRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6130A2RTJRG4 TI1-TPA6130A2RTJRG4 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
TPA6130A2RTJRG4 TI1-TPA6130A2RTJRG4 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
More results

유사한 설명 - TPA6130A2RTJRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6130A2 TI-TPA6130A2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA6130A2 138-mW DIRECTPATH??Stereo Headphone Amplifier with I2C Volume Control
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com