전자부품 데이터시트 검색엔진 |
|
TS12A4514P 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
TS12A4514P 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 15 page www.ti.com Electrical Characteristics for 12-V Supply (1) TS12A4514 ,, TS12A4515 LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES SCDS193B – AUGUST 2006 – REVISED MARCH 2007 V + = 11.4 V to 12.6 V, VINH = 5 V, VINL = 0.8 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA MIN TYP(2) MAX UNIT Analog Switch Analog signal range VCOM, VNO, VNC 0 V+ V 25 °C 6.5 10 V+ = 11.4 V, VCOM = 10 V, ON-state resistance ron Ω ICOM = 1 mA Full 15 V+ = 11.4 V, 25 °C 1.5 3 ON-state resistance ron(flat) VCOM = 2 V, 5 V, 10 V, Ω flatness Full 4 ICOM = 1 mA 25 °C 1 NO, NC INO(OFF), V+ = 12.6 V, VCOM = 1 V, nA OFF leakage current(3) INC(OFF) VNO or VNC = 10 V Full 10 25 °C 1 COM V+ = 12.6 V, VCOM = 1 V, ICOM(OFF) nA OFF leakage current(3) VNO or VNC = 10 V Full 10 25 °C 1 COM V+ = 12.6 V, VCOM = 10 V, ICOM(ON) nA ON leakage current(3) VNO or VNC = 10 V Full 10 Digital Control Input (IN) Input logic high VIH Full 5 V+ V Input logic low VIL Full 0 0.8 V Input leakage current IIH, IIL VIN = V+, 0 V Full 0.001 µA Dynamic 25 °C 22 75 Turn-on time tON See Figure 2 ns Full 80 25 °C 20 45 Turn-off time tOFF See Figure 2 ns Full 50 CL = 1 nF, VNO = 0 V, Charge injection(4) QC 25 °C –11.5 pC RS = 0 Ω, See Figure 1 NO, NC CNO(OFF) f = 1 MHz, See Figure 4 25 °C 7.5 pF OFF capacitance CNC(OFF) COM CCOM(OFF) f = 1 MHz, See Figure 4 25 °C 7.5 pF OFF capacitance COM CCOM(ON) f = 1 MHz, See Figure 4 25 °C 21.5 pF ON capacitance Digital input capacitance CI VIN = V+, 0 V 25 °C 1.5 pF RL = 50 Ω, CL = 15 pF, Bandwidth BW 25 °C 520 MHz VNO = 1 VRMS, f = 100 kHz RL = 50 Ω, CL = 15 pF, OFF isolation OISO 25 °C –95 dB VNO = 1 VRMS, f = 100 kHz RL = 50 Ω, CL = 15 pF, Total harmonic distortion THD 25 °C 0.07 % VNO = 1 VRMS, f = 100 kHz Supply 25 °C 0.05 V+ supply current I+ VIN = 0 V or V+ µA Full 0.2 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum. (2) Typical values are at TA = 25°C. (3) Leakage parameters are 100% tested at maximum-rated hot operating temperature, and are ensured by correlation at 25 °C. (4) Specified by design, not production tested 4 Submit Documentation Feedback |
유사한 부품 번호 - TS12A4514P |
|
유사한 설명 - TS12A4514P |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |