전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC2007IYZGT 데이터시트(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
부품명 TSC2007IYZGT
상세설명  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2007IYZGT 데이터시트(HTML) 7 Page - Burr-Brown (TI)

Back Button TSC2007IYZGT Datasheet HTML 3Page - Burr-Brown (TI) TSC2007IYZGT Datasheet HTML 4Page - Burr-Brown (TI) TSC2007IYZGT Datasheet HTML 5Page - Burr-Brown (TI) TSC2007IYZGT Datasheet HTML 6Page - Burr-Brown (TI) TSC2007IYZGT Datasheet HTML 7Page - Burr-Brown (TI) TSC2007IYZGT Datasheet HTML 8Page - Burr-Brown (TI) TSC2007IYZGT Datasheet HTML 9Page - Burr-Brown (TI) TSC2007IYZGT Datasheet HTML 10Page - Burr-Brown (TI) TSC2007IYZGT Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
www.ti.com
TIMING REQUIREMENTS: I2C Fast Mode (SCL = 400kHz)
TSC2007
SBAS405 – MARCH 2007
All specifications typical at –40
°C to +85°C, V
DD = 1.6V, unless otherwise noted.
2-WIRE FAST MODE PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SCL clock frequency
fSCL
0
400
kHz
Bus free time between a STOP and START condition
tBUF
1.3
µs
Hold time (repeated) START condition
tHD, STA
0.6
µs
Low period of SCL clock
tLOW
1.3
µs
High period of the SCL clock
tHIGH
0.6
µs
Setup time for a repeated START condition
tSU, STA
0.6
µs
Data hold time
tHD, DAT
0
0.9
µs
Data setup time
tSU, DAT
100
ns
Rise time for both SDA and SCL clock signals (receiving)
tR
Cb = total bus capacitance
20+0.1
×C
b
300
ns
Fall time for both SDA and SCL clock signals (receiving)
tF
Cb = total bus capacitance
20+0.1
×C
b
300
ns
Fall time for both SDA and SCL clock signals (transmitting)
tOF
Cb = total bus capacitance
20+0.1
×C
b
250
ns
Setup time for STOP condition
tSU, STO
0.6
µs
Capacitive load for each bus line
Cb
Cb = total capacitance of one bus line in pF
400
pF
8 bits
40 SCL + 127 CCLK, VDD = 1.8V
134.7
µs
Cycle time
12 bits
49 SCL + 148 CCLK, VDD = 1.8V
203.4
µs
8 bits
VDD = 1.8V
7.42
kSPS
Effective throughput
12 bits
VDD = 1.8V
4.92
kSPS
8 bits
VDD = 1.8V
51.97
kHz
Equivalent rate = effective throughput
× 7
12 bits
VDD = 1.8V
34.42
kHz
TIMING REQUIREMENTS: I2C High-Speed Mode (SCL = 1.7MHz)
All specifications typical at –40
°C to +85°C, V
DD = 1.6V, unless otherwise noted.
2-WIRE HIGH-SPEED MODE PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SCL clock frequency
fSCL
0
1.7
MHz
Hold time (repeated) START condition
tHD, STA
160
ns
Low period of SCL clock
tLOW
320
ns
High period of the SCL clock
tHIGH
120
ns
Setup time for a repeated START condition
tSU, STA
160
ns
Data hold time
tHD, DAT
0
150
ns
Data setup time
tSU, DAT
10
ns
Rise time for SCL clock signal (receiving)
tR
Cb = total bus capacitance
20
80
ns
Rise time for SDA clock signal (receiving)
tR
Cb = total bus capacitance
20
160
ns
Fall time for SCL clock signal (receiving)
tF
Cb = total bus capacitance
20
80
ns
Fall time for SDA clock signal (receiving)
tF
Cb = total bus capacitance
20
160
ns
Fall time for both SDA and SCL clock signals (transmitting)
tOF
Cb = total bus capacitance
10
80
ns
Setup time for STOP condition
tSU, STO
160
ns
Capacitive load for each bus line
Cb
Cb = total capacitance of one bus line in pF
400
pF
8 bits
40 SCL + 127 CCLK, VDD = 1.8V
58.2
µs
Cycle time
12 bits
49 SCL + 148 CCLK, VDD = 1.8V
109.7
µs
8 bits
VDD = 1.8V
17.17
kSPS
Effective throughput
12 bits
VDD = 1.8V
9.12
kSPS
8 bits
VDD = 1.8V
120.22
kHz
Equivalent rate = effective throughput
× 7
12 bits
VDD = 1.8V
63.81
kHz
7
Submit Documentation Feedback


유사한 부품 번호 - TSC2007IYZGT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2007IYZGT TI-TSC2007IYZGT Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007IYZGT TI1-TSC2007IYZGT Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results

유사한 설명 - TSC2007IYZGT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com