전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF505-S 데이터시트(PDF) 2 Page - LEM

부품명 LF505-S
상세설명  Current Transducer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEM [LEM]
홈페이지  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LF505-S 데이터시트(HTML) 2 Page - LEM

  LF505-S_06 Datasheet HTML 1Page - LEM LF505-S_06 Datasheet HTML 2Page - LEM LF505-S_06 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
060922/9
page 2/3
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Current Transducer
LF 505-S
Isolation characteristics
V
d
R.m.s. voltage for AC isolation test, 50 Hz, 1 mn
3.8
kV
V
w
Impulse withstand voltage 1.2/50 µs
12.5
kV
Min
dCp
Creepage distance
15.2
mm
dCl
Clearance distance
14.5
mm
CTI
Comparative Tracking Index (Group IIIa)
175
Application examples
According to EN 50178 and CEI 61010-1 standards and following conditions :
Over voltage category OV 3
Pollution degree PD2
Non-uniform field
Safety
This transducer must be used in electric/electronic equipment with respect to
applicable standards and safety requirements in accordance with the following
manufacturer's operating instructions.
Caution, risk of electrical shock
When operating the transducer, certain parts of the module can carry hazardous
voltage (eg. primary busbar, power supply).
Ignoring this warning can lead to injury and/or cause serious damage.
This transducer is a built-in device, whose conducting parts must be inaccessible
after installation.
A protective housing or additional shield could be used.
Main supply must be able to be disconnected.
EN 50178
CEI 61010-1
dCp, dCI,
Rated isolation voltage
Nominal voltage
Single isolation
1250 V
1250 V rms
Reinforced isolation
690 V
690 V rms
V
W


유사한 부품 번호 - LF505-S_06

제조업체부품명데이터시트상세설명
logo
LEM
LF505-S LEM-LF505-S Datasheet
117Kb / 2P
   Current Transducer LF 505-S
More results

유사한 설명 - LF505-S_06

제조업체부품명데이터시트상세설명
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com