전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SN54LVT162244A 데이터시트(HTML) 6 Page - Texas Instruments

부품명 SN54LVT162244A
상세내용  3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo 

SN54LVT162244A 데이터시트(HTML) 6 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
/ 20 page
 6 / 20 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
SN54LVT162244A, SN74LVT162244A
3.3-V ABT 16-BIT BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCBS718D – JUNE 2000 – REVISED DECEMBER 2006
over recommended operating free-air temperature range (unless otherwise noted)
SN54LVT162244A(1)
SN74LVT162244A
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(2)
MAX
MIN
TYP(2)
MAX
VIK
VCC = 2.7 V,
II = –18 mA
–1.2
–1.2
V
VOH
VCC = 3 V,
IOH = –12 mA
2
V
VOL
VCC = 3 V,
IOL = 12 mA
0.8
0.8
V
VCC = 0 or 3.6 V,
VI = 5.5 V
10
10
Control inputs
VCC = 3.6 V,
VI = VCC or GND
±1
±1
II
µA
VI = VCC
1
1
Data inputs
VCC = 3.6 V
VI = 0
–5
–5
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
±100
µA
IOZH
VCC = 3.6 V,
VO = 3 V
5
5
µA
IOZL
VCC = 3.6 V,
VO = 0.5 V
–5
–5
µA
VCC = 0 to 1.5 V, VO = 0.5 V to 3 V,
IOZPU
±100(3)
±100
µA
OE = don't care
VCC = 1.5 V to 0, VO = 0.5 V to 3 V,
IOZPD
±100(3)
±100
µA
OE = don't care
Outputs high
0.19
0.19
VCC = 3.6 V,
ICC
IO = 0,
Outputs low
5
5
mA
VI = VCC or GND
Outputs disabled
0.19
0.19
VCC = 3 V to 3.6 V, One input at VCC – 0.6
∆I
CC
(4)
0.2
0.2
mA
V, Other inputs at VCC or GND
Ci
VI = 3 V or 0
4
4
pF
Co
VO = 3 V or 0
9
9
pF
(1)
Product preview
(2)
All typical values are at VCC = 3.3 V, TA = 25°C.
(3)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(4)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
over recommended operating free-air temperature range, C
L = 50 pF (unless otherwise noted) (see Figure 1)
SN54LVT162244A(1)
SN74LVT162244A
VCC = 3.3 V
VCC = 3.3 V
FROM
TO
VCC = 2.7 V
VCC = 2.7 V
PARAMETER
± 0.3 V
± 0.3 V
UNIT
(INPUT)
(OUTPUT)
TYP(2
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
)
tPLH
1.1
4.6
5.1
1.4
3.4
4
4.8
A
Y
ns
tPHL
1.1
3.9
4.5
1.2
2.9
3.6
4.1
tPZH
1.1
5.4
6.7
1.2
3.9
5.1
6.5
OE
Y
ns
tPZL
1.3
4.9
6.1
1.4
3.8
4.5
5.8
tPHZ
1.6
5.9
6.5
2.2
4.4
5
5.4
OE
Y
ns
tPLZ
1
5.9
5.8
2
4.2
5
5.4
tsk(LH)
0.5
ns
tsk(HL)
0.5
(1)
Product preview
(2)
All typical values are at VCC = 3.3 V, TA = 25°C.
6
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn