전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MOC8020 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 MOC8020
상세설명  PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC8020 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  MOC8020_1 Datasheet HTML 1Page - Fairchild Semiconductor MOC8020_1 Datasheet HTML 2Page - Fairchild Semiconductor MOC8020_1 Datasheet HTML 3Page - Fairchild Semiconductor MOC8020_1 Datasheet HTML 4Page - Fairchild Semiconductor MOC8020_1 Datasheet HTML 5Page - Fairchild Semiconductor MOC8020_1 Datasheet HTML 6Page - Fairchild Semiconductor MOC8020_1 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
6
1
FEATURES
• High current transfer ratio
-500% (MOC8020)
-1000% (MOC8021)
• No base connection for improved noise immunity
• Underwriters Laboratory (UL) recognized File# E90700
DESCRIPTION
The MOC8020 and MOC8021 are photodarlington-type optically
coupled optocouplers. The devices have a gallium arsenide infrared
emitting diode coupled with a silicon darlington phototransistor.
Parameter
Symbol
Value
Units
TOTAL DEVICE
TSTG
-55 to +150
°C
Storage Temperature
Operating Temperature
TOPR
-55 to +100
°C
Lead Solder Temperature
TSOL
260 for 10 sec
°C
Total Device Power Dissipation @ TA = 25°C
PD
250
mW
Derate above 25°C
2.94
mW/°C
Input-Output Isolation Voltage
VISO
5300
Vac(rms)
EMITTER
IF
60
mA
DC/Average Forward Input Current
Reverse Input Voltage
VR
3V
LED Power Dissipation @ TA = 25°C
PD
120
mW
Derate above 25°C
1.41
mW/°C
DETECTOR
VCEO
50
V
Collector-Emitter Voltage
Detector Power Dissipation @ TA = 25°C
PD
150
mW
Derate above 25°C
1.76
mW/°C
Continuous Collector Current
IC
150
mA
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C Unless otherwise specified.)
PACKAGE DIMENSIONS
0.100 (2.54)
TYP
0.020 (0.51)
MIN
0.350 (8.89)
0.330 (8.38)
0.270 (6.86)
0.240 (6.10)
PIN 1
ID.
0.022 (0.56)
0.016 (0.41)
0.070 (1.78)
0.045 (1.14)
0.200 (5.08)
0.115 (2.92)
0.300 (7.62)
TYP
0° to 15°
0.154 (3.90)
0.100 (2.54)
0.016 (0.40)
0.008 (0.20)
NOTE
All dimensions are in inches (millimeters)
APPLICATIONS
• Appliances, measuring instruments
• I/O interface for computers
• Programmable controllers
• Portable electronics
• Interfacing and coupling systems of
different potentials and impedance
• Solid state relays
EMITTER
COLLECTOR
1
2
3
ANODE
CATHODE
4
5
6 N/C
N/C
 2001 Fairchild Semiconductor Corporation
DS300392
1/14/02
1 OF 5
www.fairchildsemi.com
PHOTODARLINGTON OPTOCOUPLERS
(NO BASE CONNECTION)
MOC8020
MOC8021


유사한 부품 번호 - MOC8020_1

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MOC8020 MOTOROLA-MOC8020 Datasheet
271Kb / 6P
   6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
logo
Fairchild Semiconductor
MOC8020 FAIRCHILD-MOC8020 Datasheet
66Kb / 5P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
logo
ISOCOM COMPONENTS
MOC8020 ISOCOM-MOC8020 Datasheet
395Kb / 4P
   NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
More results

유사한 설명 - MOC8020_1

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
MOC8020 FAIRCHILD-MOC8020 Datasheet
66Kb / 5P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC8030 FAIRCHILD-MOC8030 Datasheet
84Kb / 5P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC119 FAIRCHILD-MOC119 Datasheet
88Kb / 5P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC119M FAIRCHILD-MOC119M Datasheet
235Kb / 8P
   Photodarlington Optocoupler (No Base Connection)
MOC8021M FAIRCHILD-MOC8021M Datasheet
259Kb / 9P
   Photodarlington Optocoupler (No Base Connection)
H11B1S FAIRCHILD-H11B1S Datasheet
164Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
CNX48U FAIRCHILD-CNX48U Datasheet
158Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
logo
QT Optoelectronics
CNX48U QT-CNX48U Datasheet
140Kb / 7P
   PHOTODARLINGTON OPTOCOUPLERS
MOC8030 QT-MOC8030 Datasheet
53Kb / 4P
   PHOTODARLINGTON OPTOCOUPLERS Preliminary
logo
Solid State Optronic
SDT600-X SSOUSA-SDT600-X Datasheet
584Kb / 10P
   No Base Connection
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com