전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

20ETF06SPBF 데이터시트(PDF) 4 Page - International Rectifier

부품명 20ETF06SPBF
상세설명  SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

20ETF06SPBF 데이터시트(HTML) 4 Page - International Rectifier

  20ETF06SPBF Datasheet HTML 1Page - International Rectifier 20ETF06SPBF Datasheet HTML 2Page - International Rectifier 20ETF06SPBF Datasheet HTML 3Page - International Rectifier 20ETF06SPBF Datasheet HTML 4Page - International Rectifier 20ETF06SPBF Datasheet HTML 5Page - International Rectifier 20ETF06SPBF Datasheet HTML 6Page - International Rectifier 20ETF06SPBF Datasheet HTML 7Page - International Rectifier 20ETF06SPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
20ETF06SPbF QUIET
IR Series
Bulletin I2207 03/05
www.irf.com
Fig. 8 - Recovery Time Characteristics, T
J = 25°C
Fig. 9 - Recovery Time Characteristics, T
J = 150°C
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
50
100
150
200
250
300
110
100
Numb er Of Eq ua l Amplitude Ha lf Cyc le Current Pulses (N)
Initial T = 150°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
20ETF.. Series
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
50
100
150
200
250
300
350
400
450
500
550
0.001
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train Duration.
20ETF.. Series
Maximum Non Repetitive Surge Current
Initial T = 150°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
1
10
100
1000
0
1234
5
T = 25°C
J
InstantaneousForward Voltage (V)
T = 150°C
J
20ETF.. Series
0
0.05
0.1
0.15
0.2
0
200
400
600
800
1000
Rate Of Fall Of Forward Current - di/dt (A/ µs)
1 A
5 A
10 A
I
= 30 A
20 A
20ETF.. Series
T = 25 °C
J
FM
0
0.1
0.2
0.3
0.4
0.5
0
200
400
600
800
1000
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
1 A
5 A
10 A
I
= 30 A
20 A
20ETF.. Series
T = 150 °C
J
FM


유사한 부품 번호 - 20ETF06SPBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
20ETF06SPBF VISHAY-20ETF06SPBF Datasheet
348Kb / 8P
   Surface Mountable Fast Soft Recovery Rectifier Diode, 20 A
Revision: 17-Aug-11
More results

유사한 설명 - 20ETF06SPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
20ETF IRF-20ETF Datasheet
211Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
8EWF06SPBF IRF-8EWF06SPBF Datasheet
259Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF IRF-8EWF Datasheet
162Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF12S IRF-8EWF12S Datasheet
238Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF10S IRF-8EWF10S Datasheet
153Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF06S IRF-8EWF06S Datasheet
172Kb / 9P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
20ETF02SPBF VISHAY-20ETF02SPBF Datasheet
348Kb / 8P
   Surface Mountable Fast Soft Recovery Rectifier Diode, 20 A
Revision: 17-Aug-11
VS-8EWF02S-M3 VISHAY-VS-8EWF02S-M3 Datasheet
228Kb / 8P
   Surface Mountable Fast Soft Recovery Diode, 8A
Revision: 04-Apr-11
VS-8EWF10S-M3 VISHAY-VS-8EWF10S-M3 Datasheet
191Kb / 7P
   Surface Mountable Fast Soft Recovery Diode, 8A
Revision: 17-Nov-11
8EWF10SPBF VISHAY-8EWF10SPBF Datasheet
216Kb / 8P
   Surface Mountable Fast Soft Recovery Diode, 8 A
Revision: 08-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com