전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFPS30N60KPBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRFPS30N60KPBF
상세설명  SMPS MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFPS30N60KPBF 데이터시트(HTML) 1 Page - International Rectifier

  IRFPS30N60KPBF Datasheet HTML 1Page - International Rectifier IRFPS30N60KPBF Datasheet HTML 2Page - International Rectifier IRFPS30N60KPBF Datasheet HTML 3Page - International Rectifier IRFPS30N60KPBF Datasheet HTML 4Page - International Rectifier IRFPS30N60KPBF Datasheet HTML 5Page - International Rectifier IRFPS30N60KPBF Datasheet HTML 6Page - International Rectifier IRFPS30N60KPBF Datasheet HTML 7Page - International Rectifier IRFPS30N60KPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFPS30N60KPbF
09/15/04
www.irf.com
1
SMPS MOSFET
HEXFET® Power MOSFET
l Switch Mode Power Supply (SMPS)
l Uninterruptible Power Supply
l High Speed Power Switching
l Lead-Free
Benefits
Applications
l Low Gate Charge Qg results in Simple
Drive Requirement
l Improved Gate, Avalanche and Dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche Voltage and Current
VDSS
RDS(on) typ.
ID
600V
160m
30A
Absolute Maximum Ratings
Symbol
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
520
mJ
IAR
Avalanche Current

–––
30
A
EAR
Repetitive Avalanche Energy

–––
45
mJ
Avalanche Characteristics
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
†
–––
0.28
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient
†
–––
40
Thermal Resistance
Super-247™
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
30
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
19
A
IDM
Pulsed Drain Current

120
PD @TC = 25°C
Power Dissipation
450
W
Linear Derating Factor
3.6
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
13
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300
(1.6mm from case )
°C
PD- 95906


유사한 부품 번호 - IRFPS30N60KPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFPS30N60K IRF-IRFPS30N60K Datasheet
136Kb / 8P
   SMPS MOSFET
logo
Vishay Siliconix
IRFPS30N60K VISHAY-IRFPS30N60K Datasheet
138Kb / 8P
   Power MOSFET
Rev. B, 19-Jan-09
More results

유사한 설명 - IRFPS30N60KPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com