전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCD3310A 데이터시트(PDF) 16 Page - NXP Semiconductors

부품명 PCD3310A
상세설명  Pulse and DTMF diallers with redial
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3310A 데이터시트(HTML) 16 Page - NXP Semiconductors

Back Button PCD3310A Datasheet HTML 12Page - NXP Semiconductors PCD3310A Datasheet HTML 13Page - NXP Semiconductors PCD3310A Datasheet HTML 14Page - NXP Semiconductors PCD3310A Datasheet HTML 15Page - NXP Semiconductors PCD3310A Datasheet HTML 16Page - NXP Semiconductors PCD3310A Datasheet HTML 17Page - NXP Semiconductors PCD3310A Datasheet HTML 18Page - NXP Semiconductors PCD3310A Datasheet HTML 19Page - NXP Semiconductors PCD3310A Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
1996 Nov 21
16
Philips Semiconductors
Product specification
Pulse and DTMF diallers with redial
PCD3310; PCD3310A
Notes
1. Crystal connected between OSCI and OSCO; CE at VSS and all other pins open-circuit.
2. <
10 mA dynamic current to set/reset PD/DTMF pin (mixed mode).
3. Flash inactive; output voltage = VSS.
4. Related to the level of the LOW group frequency component, according to CEPT recommendations.
Outputs
IOL
LOW level output sink current pins M1,
M1, DP/FLO, CF and FLD
VOL =VSS + 0.5 V
0.7
−−
mA
LOW level output sink current pin
PD/DTMF
VOL =VSS + 0.5 V;
note 2
−−
1mA
IOH
HIGH level output source current pins
M1, M1, DP/FLO, CF and M2
VOH =VDD − 0.5 V
−0.6
−−
mA
HIGH level output source current pin
PD/DTMF
VOH =VDD − 0.5 V;
note 2
−−−1mA
HIGH level output source current pin
FLD
VOH =VDD − 0.5 V;
note 3
−−60
nA
Tone output (see Fig.10)
VHG(RMS)
DTMF output voltage levels for HIGH
group (RMS value)
VDD = 2.5 to 6 V
158
192
205
mV
VLG(RMS)
DTMF output voltage levels for LOW
group (RMS value)
VDD = 2.5 to 6 V
125
150
160
mV
∆f
frequency deviation
−0.6
+0.6
%
VDC
DC voltage level
0.5VDD
V
ZO
output impedance
0.1
0.5
k
Gv
voltage gain (pre-emphasis) of group
1.85
2.1
2.35
dB
THD
total harmonic distortion
Tamb =25 °C; note 4
−−25
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Fig.10 Tone output test circuit.
handbook, halfpage
VDD
VSS
PCD3310X
TONE
1
µF
50 pF
10 k
MGE501


유사한 부품 번호 - PCD3310A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PCD3311 PHILIPS-PCD3311 Datasheet
176Kb / 28P
   DTMF/modem/musical-tone generators
1996 Nov 21
PCD3311C PHILIPS-PCD3311C Datasheet
176Kb / 28P
   DTMF/modem/musical-tone generators
1996 Nov 21
PCD3311CP PHILIPS-PCD3311CP Datasheet
176Kb / 28P
   DTMF/modem/musical-tone generators
1996 Nov 21
PCD3311CT PHILIPS-PCD3311CT Datasheet
176Kb / 28P
   DTMF/modem/musical-tone generators
1996 Nov 21
PCD3312 PHILIPS-PCD3312 Datasheet
176Kb / 28P
   DTMF/modem/musical-tone generators
1996 Nov 21
More results

유사한 설명 - PCD3310A

제조업체부품명데이터시트상세설명
logo
Sames
SA541 SAMES-SA541 Datasheet
276Kb / 16P
   PULSE/DTMF SWITCHABLE DIALLERS
SA545 SAMES-SA545 Datasheet
329Kb / 18P
   PULSE/DTMF SWITCHABLE DIALLERS WITH 10 REPERTORY MEMORIES
logo
Integral Corp.
IL5851 INTEGRAL-IL5851 Datasheet
288Kb / 7P
   PULSE DIALER WITH REDIAL
IN5851 INTEGRAL-IN5851 Datasheet
255Kb / 7P
   PULSE DIALER WITH REDIAL
logo
KODENSHI_AUK CORP.
KK5851 KODENSHI-KK5851 Datasheet
305Kb / 7P
   PULSE DIALER WITH REDIAL
logo
List of Unclassifed Man...
HM9100A1 ETC-HM9100A1 Datasheet
67Kb / 1P
   TOUCH PULSE DIALER WITH REDIAL
logo
Samsung semiconductor
KS5805 SAMSUNG-KS5805 Datasheet
305Kb / 6P
   TELEPHONE PULSE DIALER WITH REDIAL
KS58006 SAMSUNG-KS58006 Datasheet
101Kb / 8P
   TONE/PULSE DIALER WITH REDIAL
logo
Winbond
WE9192 WINBOND-WE9192 Datasheet
324Kb / 7P
   TOUCH PULSE DIALER WITH REDIAL
logo
List of Unclassifed Man...
HM9101AY ETC-HM9101AY Datasheet
82Kb / 1P
   TONE/PULSE SWITCHABLE DIALER WITH REDIAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com