전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCD3311C 데이터시트(PDF) 26 Page - NXP Semiconductors

부품명 PCD3311C
상세설명  DTMF/modem/musical-tone generators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3311C 데이터시트(HTML) 26 Page - NXP Semiconductors

Back Button PCD3311C Datasheet HTML 20Page - NXP Semiconductors PCD3311C Datasheet HTML 21Page - NXP Semiconductors PCD3311C Datasheet HTML 22Page - NXP Semiconductors PCD3311C Datasheet HTML 23Page - NXP Semiconductors PCD3311C Datasheet HTML 24Page - NXP Semiconductors PCD3311C Datasheet HTML 25Page - NXP Semiconductors PCD3311C Datasheet HTML 26Page - NXP Semiconductors PCD3311C Datasheet HTML 27Page - NXP Semiconductors PCD3311C Datasheet HTML 28Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
1996 Nov 21
26
Philips Semiconductors
Product specification
DTMF/modem/musical-tone generators
PCD3311C; PCD3312C
14 SOLDERING
14.1
Introduction
There is no soldering method that is ideal for all IC
packages. Wave soldering is often preferred when
through-hole and surface mounted components are mixed
on one printed-circuit board. However, wave soldering is
not always suitable for surface mounted ICs, or for
printed-circuits with high population densities. In these
situations reflow soldering is often used.
This text gives a very brief insight to a complex technology.
A more in-depth account of soldering ICs can be found in
our
“IC Package Databook” (order code 9398 652 90011).
14.2
DIP
14.2.1
SOLDERING BY DIPPING OR BY WAVE
The maximum permissible temperature of the solder is
260
°C; solder at this temperature must not be in contact
with the joint for more than 5 seconds. The total contact
time of successive solder waves must not exceed
5 seconds.
The device may be mounted up to the seating plane, but
the temperature of the plastic body must not exceed the
specified maximum storage temperature (Tstg max). If the
printed-circuit board has been pre-heated, forced cooling
may be necessary immediately after soldering to keep the
temperature within the permissible limit.
14.2.2
REPAIRING SOLDERED JOINTS
Apply a low voltage soldering iron (less than 24 V) to the
lead(s) of the package, below the seating plane or not
more than 2 mm above it. If the temperature of the
soldering iron bit is less than 300
°C it may remain in
contact for up to 10 seconds. If the bit temperature is
between 300 and 400
°C, contact may be up to 5 seconds.
14.3
SO
14.3.1
REFLOW SOLDERING
Reflow soldering techniques are suitable for all SO
packages.
Reflow soldering requires solder paste (a suspension of
fine solder particles, flux and binding agent) to be applied
to the printed-circuit board by screen printing, stencilling or
pressure-syringe dispensing before package placement.
Several techniques exist for reflowing; for example,
thermal conduction by heated belt. Dwell times vary
between 50 and 300 seconds depending on heating
method. Typical reflow temperatures range from
215 to 250
°C.
Preheating is necessary to dry the paste and evaporate
the binding agent. Preheating duration: 45 minutes at
45
°C.
14.3.2
WAVE SOLDERING
Wave soldering techniques can be used for all SO
packages if the following conditions are observed:
• A double-wave (a turbulent wave with high upward
pressure followed by a smooth laminar wave) soldering
technique should be used.
• The longitudinal axis of the package footprint must be
parallel to the solder flow.
• The package footprint must incorporate solder thieves at
the downstream end.
During placement and before soldering, the package must
be fixed with a droplet of adhesive. The adhesive can be
applied by screen printing, pin transfer or syringe
dispensing. The package can be soldered after the
adhesive is cured.
Maximum permissible solder temperature is 260
°C, and
maximum duration of package immersion in solder is
10 seconds, if cooled to less than 150
°C within
6 seconds. Typical dwell time is 4 seconds at 250
°C.
A mildly-activated flux will eliminate the need for removal
of corrosive residues in most applications.
14.3.3
REPAIRING SOLDERED JOINTS
Fix the component by first soldering two diagonally-
opposite end leads. Use only a low voltage soldering iron
(less than 24 V) applied to the flat part of the lead. Contact
time must be limited to 10 seconds at up to 300
°C. When
using a dedicated tool, all other leads can be soldered in
one operation within 2 to 5 seconds between
270 and 320
°C.


유사한 부품 번호 - PCD3311C

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PCD3310 PHILIPS-PCD3310 Datasheet
145Kb / 28P
   Pulse and DTMF diallers with redial
1996 Nov 21
PCD3310A PHILIPS-PCD3310A Datasheet
145Kb / 28P
   Pulse and DTMF diallers with redial
1996 Nov 21
PCD3310AP PHILIPS-PCD3310AP Datasheet
145Kb / 28P
   Pulse and DTMF diallers with redial
1996 Nov 21
PCD3310AT PHILIPS-PCD3310AT Datasheet
145Kb / 28P
   Pulse and DTMF diallers with redial
1996 Nov 21
PCD3310P PHILIPS-PCD3310P Datasheet
145Kb / 28P
   Pulse and DTMF diallers with redial
1996 Nov 21
More results

유사한 설명 - PCD3311C

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SC9200 ETC-SC9200 Datasheet
124Kb / 9P
   DTMF GENERATORS
logo
Holtek Semiconductor In...
HT9200A HOLTEK-HT9200A_13 Datasheet
151Kb / 13P
   DTMF Generators
HT9200A HOLTEK-HT9200A_04 Datasheet
139Kb / 14P
   DTMF Generators
HT9200A HOLTEK-HT9200A Datasheet
282Kb / 8P
   DTMF Generators
logo
STMicroelectronics
M082B1 STMICROELECTRONICS-M082B1 Datasheet
190Kb / 4P
   TONE GENERATORS
logo
List of Unclassifed Man...
S2559F ETC1-S2559F Datasheet
394Kb / 9P
   DTMF Tone Generator
logo
OKI electronic componet...
MSM6234 OKI-MSM6234 Datasheet
124Kb / 12P
   DTMF Tone Dialer LSI
logo
National Semiconductor ...
TP5089 NSC-TP5089 Datasheet
119Kb / 6P
   TP5089 DTMF (TOUCH-TONE) Generator
logo
Sanyo Semicon Device
LC7365N SANYO-LC7365N Datasheet
162Kb / 7P
   DTMF Tone Generator for Pushbutton Telephone
LC7365NM SANYO-LC7365NM Datasheet
165Kb / 7P
   DTMF Tone Generator for Pushbutton Telephone?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com