전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

K1613 데이터시트(HTML) 1 Page - MTRONPTI

부품명 K1613
상세내용  14 pin DIP, 3.3 Volt, Sinewave, TCXO
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MTRONPTI [MTRONPTI]
홈페이지  http://www.mtronpti.com
Logo 

K1613 데이터시트(HTML) 1 Page - MTRONPTI

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
Applications: Phase Locked Loops Clocking
“Sync” to NTSC Video Standards; Reference
Signal; Signal Tracking
±10ppm Stability
-40°C to 85°C Op. Temperature
“Clipped” Sine Wave Output
Non Hermetic Package
ELECTRICAL SPECIFICATIONS
2553 N. Edgington Street, Franklin Park, IL 60131
Phone: 847.451.1000
Fax: 847.451.7585
800-888-1499 or www.champtech.com
1
Model
K1613
Frequency Range (MHz)
Input Current (mA)
1 to 25
< 2
Frequency Control Function
Frequency Stability (ppm)
Overall
Temperature Range (oC)
±10ppm
(Inclusive of Calibration, Temperature, Voltage, Load and 10 yr.Aging)
Operating
Storage
-40oC to +85oC
Supply Voltage (V)
Start Up Time (ms)
+3.3V ±5%
<10
(For Custom Deviation Range, Vc Range, etc. - Consult Factory)
Output (“Clipped” Sine Wave)
1.0V p-p min., 10KΩ/10pF
-40oC to +85oC
PART NUMBERING GUIDE
K1613 - Specify Frequency
K1613 Series
3.3V Voltage Controlled Temperature Compensated Crystal Oscillators
25oC Calibration
Over Operating Temperature
±1ppm
±3ppm
Aging 1st Year
±1ppm
Voltage Control
Included
Minimum Deviation (ppm)
±28
Modulation Bandwidth (3dB)
Control Voltage Range (V)
Transfer Function
Positive
0.3 to 3.0
Input Impedance
> 50KΩ @ 10KHz
Minimum Deviation Sensitivity (ppm/V)
+14
> 20KHz
Linearity (%)
<10
Nominal Control Voltage (V)
2.5
Typical SSB Phase Noise (dBC/Hz)
Offset From Carrier
-70
10Hz
100Hz
-95
1KHz
-120
10KHz
-140
100KHz
-150
Manual Adjustment (ppm)
±5 min.
Revision: 12-21-06
K1613 Series
14 pin DIP, 3.3 Volt, Sinewave, TCXO


Html Pages

1  2 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn