전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NC7SZD384 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 NC7SZD384
상세설명  1-Bit Low Power Bus Switch with Level Shifting
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZD384 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  NC7SZD384_05 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZD384_05 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZD384_05 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZD384_05 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZD384_05 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZD384_05 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZD384_05 Datasheet HTML 7Page - Fairchild Semiconductor NC7SZD384_05 Datasheet HTML 8Page - Fairchild Semiconductor NC7SZD384_05 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 3)
Note 1: The “Absolute Maximum Ratings” are those values beyond which the safety
of the device cannot be guaranteed. The device should not be operated at these lim-
its. The parametric values defined in the Electrical Characteristics tables are not
guaranteed at the absolute maximum ratings. The “Recommended Operating Condi-
tions” table will define the conditions for actual device operation.
Note 2: The input and output negative voltage ratings may be exceeded if the input
and output diode current ratings are observed.
Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Note 4: All typical values are at VCC 5.0V, TA 25qC.
Note 5: Measured by the voltage drop between A and B pins at the indicated current through the switch. On Resistance is determined by the lower of the voltages on the two (A
or B) pins.
Note 6: Per TTL driven input (VIN 3.4V, control input only). A and B pins do not contribute to ICC.
Supply Voltage (VCC)
0.5V to 7.0V
DC Switch Voltage (VS)
0.5V to 7.0V
DC Input Voltage (VIN) (Note 2)
0.5V to 7.0V
DC Input Diode Current (IIK) VIN  0V
50 mA
DC Output (IOUT) Sink Current
128 mA
DC VCC/GND Current (ICC/GND)
r100 mA
Storage Temperature Range
(TSTG)
65qC to 150qC
Junction Temperature under bias (TJ)
150qC
Junction Lead Temperature (TL)
(Soldering, 10 seconds)
260qC
Power Dissipation (PD) @ 85qC
SOT23-5
200 mW
SC70-5
150 mW
Power Supply Operating (VCC)
4.5V to 5.5V
Input Voltage (VIN)
0V to 5.5V
Output Voltage (VOUT)
0V to 5.5V
Input Rise and Fall Time (tr, tf)
Switch Control Input
0 ns/V to 5 ns
Switch I/O
0 ns/V to DC
Operating Temperature (TA)
40qC to 85qC
Thermal Resistance (
TJA)
SOT23-5
300
qC/Watt
SC70-5
425
qC/Watt
Symbol
Parameter
VCC
TA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
(Note 4)
Max
VIK
Maximum Clamp Diode Voltage
4.5
1.2
VIIN 18 mA
VIH
HIGH Level Input Voltage
4.5–5.5
2.0
V
VIL
LOW Level Input Voltage
4.5–5.5
0.8
V
VOH
HIGH Level Output Voltage
4.5–5.5
See Figure 3
V
VIN VCC
II
Input Leakage Current
0–5.5
r1.0
PA0 d VIN d 5.5V
IOFF
“OFF” Leakage Current
5.5
r10.0
PA0 d A, B, d VCC
RON
Switch On Resistance (Note 5)
4.5
5.0
7.0
:
VIN 0V, II 64 mA
5.0
7.0
:
VIN 0V, II 30 mA
35.0
50.0
:
VIN 2.4V, II 15 mA
ICC
Quiescent Supply Current
VIN VCC or GND, IO 0
Switch On
5.5
0.8
1.5
mA
OE
GND
Switch Off
5.5
10.0
PAOE VCC
'ICC
Increase in ICC per Input (Note 6)
5.5
0.8
2.5
mA
OE
3.4V, IO 0,
Control Input only.


유사한 부품 번호 - NC7SZD384_05

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
NC7SZD384L6X FAIRCHILD-NC7SZD384L6X Datasheet
168Kb / 9P
   TinyLogic UHS 1-Bit Low Power Bus Switch
NC7SZD384M5X FAIRCHILD-NC7SZD384M5X Datasheet
168Kb / 9P
   TinyLogic UHS 1-Bit Low Power Bus Switch
NC7SZD384P5X FAIRCHILD-NC7SZD384P5X Datasheet
168Kb / 9P
   TinyLogic UHS 1-Bit Low Power Bus Switch
More results

유사한 설명 - NC7SZD384_05

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
NC7WBD3306 FAIRCHILD-NC7WBD3306_05 Datasheet
187Kb / 10P
   2-Bit Low Power Bus Switch with Level Shifting
FSTD3306 FAIRCHILD-FSTD3306 Datasheet
224Kb / 5P
   2-Bit Low Power Bus Switch with Level Shifting
logo
ON Semiconductor
NC7WBD3125 ONSEMI-NC7WBD3125 Datasheet
298Kb / 12P
   2-Bit Low Power Bus Switch with Level Shifting
Revised December 2005
logo
Fairchild Semiconductor
FSTD3306 FAIRCHILD-FSTD3306_06 Datasheet
277Kb / 11P
   2-Bit Low-Power Bus Switch with Level Shifting
NC7WBD3125 FAIRCHILD-NC7WBD3125_05 Datasheet
191Kb / 10P
   2-Bit Low Power Bus Switch with Level Shifting
FSTD16861 FAIRCHILD-FSTD16861 Datasheet
164Kb / 5P
   20-Bit Bus Switch with Level Shifting
FSTD3125 FAIRCHILD-FSTD3125_05 Datasheet
153Kb / 7P
   4-Bit Bus Switch with Level Shifting
FSTD16861 FAIRCHILD-FSTD16861_05 Datasheet
174Kb / 6P
   20-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD3125 ONSEMI-FSTD3125 Datasheet
617Kb / 10P
   4-Bit Bus Switch with Level Shifting
May 2012 Rev. 1.0.3
FSTD16861 ONSEMI-FSTD16861 Datasheet
273Kb / 8P
   20-Bit Bus Switch with Level Shifting
Revised June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com