전자부품 데이터시트 검색엔진 |
|
SS38 데이터시트(PDF) 2 Page - Fairchild Semiconductor |
|
SS38 데이터시트(HTML) 2 Page - Fairchild Semiconductor |
2 / 3 page SS32 - S310, Rev. D Schottky Rectifiers (continued) Typical Characteristics 0.01 0.1 1 10 100 0.1 1 10 100 Pulse Duration [s] 12 5 10 20 50 100 0 20 40 60 80 100 Number of Cycles at 60Hz 0 25 50 75 100 125 150 175 0 1 2 3 Ambient Temperature [ºC] RESISTIVE OR INDUCTIVE LOAD P.C.B. MOUNTED ON 0.55 x 0.55" (14 x 14) mm COPPER PAD AREAS 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 0.01 0.1 1 10 50 Forward Voltage, V F [V] Pulse Width = 300 µµµµS 2% Duty Cycle T = 25 C º A T = 150 C º A T = 125 C º A SS32-SS34 SS35-S310 0 20406080 100 120 140 0.001 0.01 0.1 1 10 20 Percent of Rated Peak Reverse Voltage [%] T = 25 C º A T = 75 C º A T = 125 C º A SS32-SS34 SS35-S310 SS35-S310 SS32-SS34 0.1 1 10 100 10 100 1000 Reverse Voltage, V R [V] SS32-SS34 SS35-S310 Figure 1. Forward Current Derating Curve Figure 2. Non-Repetitive Surge Current Figure 3. Forward Voltage Characteristics Figure 4. Reverse Current vs Reverse Voltage Figure 5. Total Capacitance Figure 6. Thermal Impedance Characteristics |
유사한 부품 번호 - SS38 |
|
유사한 설명 - SS38 |