전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100EP16VTD 데이터시트(PDF) 9 Page - ON Semiconductor

부품명 MC100EP16VTD
상세설명  Evaluation Board Manual for High Frequency SOIC 8
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP16VTD 데이터시트(HTML) 9 Page - ON Semiconductor

Back Button MC100EP16VTD Datasheet HTML 5Page - ON Semiconductor MC100EP16VTD Datasheet HTML 6Page - ON Semiconductor MC100EP16VTD Datasheet HTML 7Page - ON Semiconductor MC100EP16VTD Datasheet HTML 8Page - ON Semiconductor MC100EP16VTD Datasheet HTML 9Page - ON Semiconductor MC100EP16VTD Datasheet HTML 10Page - ON Semiconductor MC100EP16VTD Datasheet HTML 11Page - ON Semiconductor MC100EP16VTD Datasheet HTML 12Page - ON Semiconductor MC100EP16VTD Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ECLSOIC8EVB
http://onsemi.com
9
J3
J4
J2
R4
50
W
J7
J6
C1
0.01
mF
GND
C4
0.1
mF
C2
0.01
mF
GND
C3
0.1
mF
VCC
VEE
DUT
Pin 4
Pin 3
Pin 2
Pin 1
Pin 5
Pin 6
Pin 7
Pin 8
(Optional)
Figure 8. Configuration 5 Schematic
R3
50
W
R2
50
W
Table 8. Configuration 5
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
Pin 7
Pin 8
Device
J1
R1
J2
R2
J3
R3
J4
R4
C2
C3
J6
R6
J7
R7
C1
C4
MC100EP16VCD*
MC10EL58D/MC100EL58D
No
No
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
No
Yes
No
Yes
Yes
MC100LVEL58D
No
No
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
No
Yes
No
Yes
Yes
MC10EP58D/MC100EP58D
*See Appendix for addition or modification to the current configuration


유사한 부품 번호 - MC100EP16VTD

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EP16VTD ONSEMI-MC100EP16VTD Datasheet
171Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing and Internal Input Termination
December, 2006 ??Rev. 3
MC100EP16VTDG ONSEMI-MC100EP16VTDG Datasheet
171Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing and Internal Input Termination
December, 2006 ??Rev. 3
MC100EP16VTDG ONSEMI-MC100EP16VTDG Datasheet
198Kb / 12P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 5
MC100EP16VTDR2 ONSEMI-MC100EP16VTDR2 Datasheet
171Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing and Internal Input Termination
December, 2006 ??Rev. 3
MC100EP16VTDR2G ONSEMI-MC100EP16VTDR2G Datasheet
171Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing and Internal Input Termination
December, 2006 ??Rev. 3
More results

유사한 설명 - MC100EP16VTD

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ECLSOIC8EVB ONSEMI-ECLSOIC8EVB Datasheet
201Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
ECLLQFP32EVB ONSEMI-ECLLQFP32EVB Datasheet
238Kb / 22P
   Evaluation Board Manual for High Frequency LQFP32
April, 2003 - Rev. 1
ECLTSSOP20EVB ONSEMI-ECLTSSOP20EVB Datasheet
188Kb / 18P
   Evaluation Board Manual for High Frequency TSSOP 20
May, 2003 - Rev. 1
NB4N527SMNEVB ONSEMI-NB4N527SMNEVB Datasheet
321Kb / 8P
   Evaluation Board Manual for NB4N527S
September, 2008 ??Rev. 1
NBSG111BAEVB ONSEMI-NBSG111BAEVB Datasheet
355Kb / 12P
   Evaluation Board Manual for NBSG111
October, 2003 ??Rev. 0
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
logo
Motorola, Inc
MC145192EVK MOTOROLA-MC145192EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com