전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZR40401F41 데이터시트(PDF) 3 Page - Zetex Semiconductors

부품명 ZR40401F41
상세설명  PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZETEX [Zetex Semiconductors]
홈페이지  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZR40401F41 데이터시트(HTML) 3 Page - Zetex Semiconductors

  ZR40401F41 Datasheet HTML 1Page - Zetex Semiconductors ZR40401F41 Datasheet HTML 2Page - Zetex Semiconductors ZR40401F41 Datasheet HTML 3Page - Zetex Semiconductors ZR40401F41 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ZR4040-4.1
4.06
4.10
4.08
TYPICAL CHARACTERISTICS
Temperature (°C)
Reference Current (mA)
Frequency (kHz)
Temperature Drift
Slope Resistance v Current
Time (
µs)
110
0.1
Slope Resistance v Frequency
-40
-20
0
20
40
60
80
Forward Characteristics
Forward Current (mA)
0.1
1
10
100
1000
IR=150
µAto 5mA
0
2.0
4.0
1
0.1
10
100
1000
10
100
1
0.1
0.01
0
1000
2000
0
10
0
2.0
4.0
01
2
3
4
Time (
µs)
IR=150
µA
IR=1mA
IR=5mA
0.4
0.6
0.8
1.0
1.2
1.4
1.6
TA=25°C
TA=-40°C
TA=85°C
0
10
0
2.0
4.0
Transient Response
(Single Pulse)
Transient Response
(Repetitive Pulse)
INPUT
OUTPUT
40K
150
µA
5mA
150
µA
1K2
5mA
INPUT
OUTPUT
40K
150
µA
5mA
150
µA
1K2
5mA
4-179


유사한 부품 번호 - ZR40401F41

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
ZR40401F41TA DIODES-ZR40401F41TA Datasheet
90Kb / 5P
   PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE
ZR40401F41TA DIODES-ZR40401F41TA Datasheet
90Kb / 5P
   PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE
More results

유사한 설명 - ZR40401F41

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
ZR4040-4.1 DIODES-ZR4040-4.1 Datasheet
90Kb / 5P
   PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040_4.1 DIODES-ZR4040_4.1 Datasheet
90Kb / 5P
   PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA400 DIODES-ZRA400 Datasheet
171Kb / 5P
   PRECISION 4.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRA125 ZETEX-ZRA125 Datasheet
169Kb / 5P
   PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF12 ZETEX-ZREF12 Datasheet
71Kb / 4P
   PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
ZR285-25 ZETEX-ZR285-25 Datasheet
82Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR12D ZETEX-ZR12D Datasheet
61Kb / 4P
   PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com