전자부품 데이터시트 검색엔진 |
|
SN74AS804B 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
SN74AS804B 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 15 page SN54ALS804A, SN54AS804B, SN74ALS804A, SN74AS804B HEX 2-INPUT NAND DRIVERS SDAS022C – DECEMBER 1982 – REVISED JANUARY 1995 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS SN54AS804B SN74AS804B UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN TYP† MAX UNIT VIK VCC = 4.5 V, II = –18 mA –1.2 –1.2 V VCC = 4.5 V to 5.5 V, IOH = – 2 mA VCC –2 VCC –2 VOH IOH = – 3 mA 2.4 3.2 2.4 3.2 V VOH VCC = 4.5 V IOH = – 40 mA 2 V IOH = – 48 mA 2 VOL VCC =4 5V IOL = 40 mA 0.25 0.5 V VOL VCC = 4.5 V IOL = 48 mA 0.35 0.5 V II VCC = 5.5 V, VI = 7 V 0.1 0.1 mA IIH VCC = 5.5 V, VI = 2.7 V 20 20 µA IIL VCC = 5.5 V, VI = 0.4 V – 0.5 – 0.5 mA IO‡ VCC = 5.5 V, VO = 2.25 V –50 – 200 –50 – 200 mA ICCH VCC = 5.5 V, VI = 0 3.5 5 3.5 5 mA ICCL VCC = 5.5 V, VI = 4.5 V 16 27 16 27 mA † All typical values are at VCC = 5 V, TA = 25°C. ‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS. switching characteristics (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 4.5 V to 5.5 V, CL = 50 pF, RL = 500 Ω, TA = MIN to MAX§ UNIT (INPUT) (OUTPUT) SN54AS804B SN74AS804B MIN MAX MIN MAX tPLH AorB Y 1 5 1 4 ns tPHL A or B Y 1 5 1 4 ns § For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. |
유사한 부품 번호 - SN74AS804B |
|
유사한 설명 - SN74AS804B |