전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCZ33880EW 데이터시트(PDF) 4 Page - Freescale Semiconductor, Inc

부품명 MCZ33880EW
상세설명  Configurable Octal Serial Switch with Serial Peripheral Interface I/O
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33880EW 데이터시트(HTML) 4 Page - Freescale Semiconductor, Inc

  MCZ33880EW Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33880EW Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33880EW Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33880EW Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33880EW Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33880EW Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33880EW Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33880EW Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33880EW Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33880
PIN CONNECTIONS
Figure 4. 98ARH99137A SOICW 32-Pin Connections
Table 2. SOICW 32-Pin Definitions
Pin
Number
Pin Name
Definition
1, 8, 9,
24, 25
GND
Digital ground.
2
VDD
Logic supply voltage. Logic supply must be switched off for low current mode (VDD below 3.9 V).
3, 4
S8
Output 8 MOSFET source pins.
5
D8
Output 8 MOSFETdrain pin.
6
S2
Output 2 MOSFET source pin.
7
D2
Output 2 MOSFET drain pin.
10
S1
Output 1 MOSFET source pin.
11
D1
Output 1 MOSFET drain pin.
12
D6
Output 6 MOSFETdrain pin.
13
S6
Output 6 MOSFET source pin.
14
IN6
PWM direct control input pin for output 6. IN6 is “OR” with SPI bit.
15
EN
Enable input. Allows control of outputs. Active high.
16
SCLK
SPI control clock input pin.
17
DI
SPI control data input pin from MCU to the 33880. Logic [1] activates output.
18
CS
SPI control chip select input pin from MCU to the 33880. Logic [0] allows data to be transferred in.
19
IN5
PWM direct control input pin for output 5. IN5 is “OR” with SPI bit.
20
S5
Output 5 MOSFET source pin.
21
D5
Output 5 MOSFET drain pin.
22
D3
Output 3 MOSFET drain pin.
23
S3
Output 3 MOSFET source pin.
26
D4
Output 4 MOSFET drain pin.
27
S4
Output 4 MOSFET source pin.
28
D7
Output 7 MOSFET drain pin.
29, 30
S7
Output 7 MOSFET source pins.
31
VPWR
Power supply pin to the 33880. VPWR has internal reverse battery protection.
32
DO
SPI control data output pin from the 33880 to the MCU. DO = 0 no fault, DO = 1 specific output has fault.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
DO
VPWR
S7
S7
D7
S4
D4
GND
GND
S3
D3
D5
S5
IN5
CS
DI
GND
VDD
S8
S8
D8
S2
D2
GND
GND
S1
D1
D6
S6
IN6
EN
SCLK


유사한 부품 번호 - MCZ33880EW

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MCZ33880EW FREESCALE-MCZ33880EW Datasheet
760Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
MCZ33880EWR2 FREESCALE-MCZ33880EWR2 Datasheet
760Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results

유사한 설명 - MCZ33880EW

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
33880 FREESCALE-33880_08 Datasheet
760Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33880 MOTOROLA-MC33880 Datasheet
741Kb / 24P
   CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
534Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291L FREESCALE-33291L Datasheet
593Kb / 25P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
logo
Motorola, Inc
MC33291 MOTOROLA-MC33291 Datasheet
633Kb / 24P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291 FREESCALE-33291 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
   Eight Output Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com