전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC34716EP 데이터시트(PDF) 3 Page - Freescale Semiconductor, Inc

부품명 MC34716EP
상세설명  1.0 MHz Dual Switch-Mode DDR Power Supply
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34716EP 데이터시트(HTML) 3 Page - Freescale Semiconductor, Inc

  MC34716EP Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34716EP Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34716EP Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34716EP Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34716EP Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34716EP Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34716EP Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34716EP Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34716EP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
34716
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 34716 Pin Connections
Table 1. 34716 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 11.
Pin Number
Pin Name
Pin Function
Formal Name
Definition
1
BOOT1
Passive
Bootstrap
Channel 1 Bootstrap capacitor input pin
2
PVIN1
Supply
Power Input Voltage
Channel 1 Buck converter power input
3
SW1
Input/Output
Switching Node
Channel 1 Buck converter switching node
4
PGND1
Ground
Power Ground
Channel 1 Buck converter and discharge MOSFETs power ground
5
VOUT1
Input
Output Voltage
Discharge Path
Channel 1 Buck converter output voltage discharge pin
6
INV1
Input
Error Amplifier
Inverting Input
Channel 1 Buck converter error amplifier inverting input
7
COMP1
Input
Buck Convertor
Compensation Input
Channel 1 Buck converter external compensation network input
8
VREFIN
Input
Reference Voltage
Input
Voltage tracking reference voltage input
9
VREFOUT
Output
Reference Voltage
Output
This is a buffered reference voltage output
10
PG
Output
Power Good Output
Signal
It is an active low open drain power good status reporting output
11
SD
Input
Shutdown Input
Shutdown mode input control pin
12
COMP2
Input
Buck Convertor
Compensation Input
Channel 2 Buck converter external compensation network input
13
INV2
Input
Error Amplifier
Inverting Input
Channel 2 Buck converter error amplifier inverting input
Transparent
Top View
1
2
3
4
5
6
78
9
10
11 12 13
14
15
16
17
18
19
20
21
22
23
24
25
26
BOOT1
PVIN1
SW1
PGND1
VOUT1
VOUT2
PGND2
SW2
PVIN2
BOOT2
PVIN2
SW2
PGND2
PGND1
SW1
PVIN1


유사한 부품 번호 - MC34716EP

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC34716EP/R2 FREESCALE-MC34716EP/R2 Datasheet
772Kb / 27P
   1.0 MHz Dual Switch-Mode DDR Power Supply
More results

유사한 설명 - MC34716EP

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC34716 FREESCALE-MC34716 Datasheet
772Kb / 27P
   1.0 MHz Dual Switch-Mode DDR Power Supply
logo
NXP Semiconductors
KT34716UG NXP-KT34716UG Datasheet
1,005Kb / 17P
   Using the 1.0 MHz Dual Switch-Mode DDR Power Supply
Rev. 3.0, 1/2009
logo
Freescale Semiconductor...
MC34712 FREESCALE-MC34712 Datasheet
547Kb / 24P
   3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
MC34164-3 FREESCALE-MC34164-3 Datasheet
477Kb / 23P
   3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
34717 FREESCALE-34717 Datasheet
651Kb / 25P
   5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Dual Switch-Mode Power Supply
logo
NXP Semiconductors
KT34712UG NXP-KT34712UG Datasheet
2Mb / 16P
   Using the 3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
Rev. 4.0, 1/2009
logo
Freescale Semiconductor...
MC34717 FREESCALE-MC34717 Datasheet
778Kb / 28P
   5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
logo
NXP Semiconductors
KT34717UG NXP-KT34717UG Datasheet
1Mb / 20P
   Using the 5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
Rev. 3.0, 1/2009
logo
Freescale Semiconductor...
MC34713 FREESCALE-MC34713 Datasheet
587Kb / 23P
   5.0 A 1.0 MHz Fully Integrated Single Switch-Mode Power Supply
34712 FREESCALE-34712 Datasheet
477Kb / 23P
   3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com