전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC34717EP 데이터시트(PDF) 10 Page - Freescale Semiconductor, Inc

부품명 MC34717EP
상세설명  5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Dual Switch-Mode Power Supply
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34717EP 데이터시트(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC34717EP Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34717EP Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34717EP Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34717EP Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34717EP Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34717EP Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34717EP Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34717EP Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34717EP Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
34717
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 3.0 V
≤ V
IN ≤ 6.0 V, - 40°C ≤ T
A ≤ 85°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
CHANNEL 1 BUCK CONVERTER (PVIN1, SW1, PGND1, BOOT1, INV1, COMP1, ILIM1)
Switching Node (SW1) Rise Time (19)
(PVIN = 3.3 V, IOUT1 = 5.0 A)
tRISE1
-
8.0
-
ns
Switching Node (SW1) Fall Time (19)
(PVIN = 3.3 V, IOUT1 = 5.0 A)
tFALL1
-
5.0
-
ns
Soft Start Duration (Normal Mode)
ILIM1: 1.25V to 1.49V
1.5V to 1.81V
1.82V to 2.13V
2.14V to 2.5V
tSS1
-
-
-
-
3.2
1.6
0.8
0.4
-
-
-
-
ms
Over Current Limit Timer
tLIM1
-
10
-
ms
Over Current Limit Retry Time-out Period
tTIMEOUT1
80
-
120
ms
Output Undervoltage/Overvoltage Filter Delay Timer
tFILTER1
5.0
-
25
µs
CHANNEL 2 BUCK CONVERTER (PVIN2, SW2, PGND2, BOOT2, INV2, COMP2, ILIM2)
Switching Node (SW2) Rise Time (19)
(PVIN = 3.3 V, IOUT2 = 5.0 A)
tRISE2
-
28
-
ns
Switching Node (SW2) Fall Time (19)
(PVIN = 3.3 V, IOUT2 = 5.0 A)
tFALL2
-
12.0
-
ns
Soft Start Duration (Normal Mode)
ILIM2: 1.25V to 1.49V
1.5V to 1.81V
1.82V to 2.13V
2.14V to 2.5V
tSS2
-
-
-
-
3.2
1.6
0.8
0.4
-
-
-
-
ms
Over Current Limit Timer
tLIM2
-
10
-
ms
Over Current Limit Retry Time-out Period
tTIMEOUT2
80
-
120
ms
Output Undervoltage/Overvoltage Filter Delay Timer
tFILTER2
5.0
-
25
µs
OSCILLATOR (FREQ) (20)
Oscillator Default Switching Frequency
(FREQ = GND)
FSW
-
1.0
-
MHz
Oscillator Switching Frequency Range
FSW
200
-
1000
kHz
CONTROL AND SUPERVISORY (SD, PG)
PG Reset Delay
tPGRESET
8.0
-
12
ms
Thermal Shutdown Retry Time-out Period (19)
tTIMEOUT
80
-
120
ms
Notes
19.
Design information only, this parameter is not production tested.
20.
Oscillator frequency is ±10%


유사한 부품 번호 - MC34717EP

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC34717EP/R2 FREESCALE-MC34717EP/R2 Datasheet
778Kb / 28P
   5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
More results

유사한 설명 - MC34717EP

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC34717 FREESCALE-MC34717 Datasheet
778Kb / 28P
   5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
logo
NXP Semiconductors
KT34717UG NXP-KT34717UG Datasheet
1Mb / 20P
   Using the 5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
Rev. 3.0, 1/2009
logo
Freescale Semiconductor...
MC34713 FREESCALE-MC34713 Datasheet
587Kb / 23P
   5.0 A 1.0 MHz Fully Integrated Single Switch-Mode Power Supply
MC34712 FREESCALE-MC34712 Datasheet
547Kb / 24P
   3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
MC34164-3 FREESCALE-MC34164-3 Datasheet
477Kb / 23P
   3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
34713 FREESCALE-34713 Datasheet
510Kb / 21P
   5.0 A 1.0MHz Fully Integrated Single Switch-Mode Power Supply
MC34716 FREESCALE-MC34716 Datasheet
772Kb / 27P
   1.0 MHz Dual Switch-Mode DDR Power Supply
34716 FREESCALE-34716 Datasheet
664Kb / 25P
   1.0 MHz Dual Switch-Mode DDR Power Supply
logo
NXP Semiconductors
KT34712UG NXP-KT34712UG Datasheet
2Mb / 16P
   Using the 3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
Rev. 4.0, 1/2009
KT34716UG NXP-KT34716UG Datasheet
1,005Kb / 17P
   Using the 1.0 MHz Dual Switch-Mode DDR Power Supply
Rev. 3.0, 1/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com