전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APTD3216CGCK 데이터시트(PDF) 4 Page - Kingbright Corporation

부품명 APTD3216CGCK
상세설명  3.2 x 1.6mm SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KINGBRIGHT [Kingbright Corporation]
홈페이지  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTD3216CGCK 데이터시트(HTML) 4 Page - Kingbright Corporation

  APTD3216CGCK Datasheet HTML 1Page - Kingbright Corporation APTD3216CGCK Datasheet HTML 2Page - Kingbright Corporation APTD3216CGCK Datasheet HTML 3Page - Kingbright Corporation APTD3216CGCK Datasheet HTML 4Page - Kingbright Corporation APTD3216CGCK Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPEC NO: DSAA9373
REV NO: V.10
DATE: MAY/07/2007
PAGE: 4 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1203002217
APTD3216CGCK
Recommended Soldering Pattern
(Units : mm; Tolerance: ± 0.1)
Tape Specifications
(Units : mm)


유사한 부품 번호 - APTD3216CGCK

제조업체부품명데이터시트상세설명
logo
HK TO-GRACE TECHNOLOGY ...
APTD3216CGCK TO-GRACE-APTD3216CGCK Datasheet
841Kb / 4P
   3.2 x 1.6 mm SMD Chip LED Lamp
More results

유사한 설명 - APTD3216CGCK

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
APTD3216MBC KINGBRIGHT-APTD3216MBC Datasheet
123Kb / 4P
   3.2 x 1.6mm SMD CHIP LED LAMP
APTD3216QBC KINGBRIGHT-APTD3216QBC Datasheet
283Kb / 5P
   3.2 x 1.6mm SMD CHIP LED LAMP
APC3216SURC KINGBRIGHT-APC3216SURC Datasheet
108Kb / 4P
   3.2 X 1.6MM SMD CHIP LED lamp
APTD3216EC KINGBRIGHT-APTD3216EC Datasheet
278Kb / 5P
   3.2 x 1.6mm SMD CHIP LED LAMP
APTD3216PBC KINGBRIGHT-APTD3216PBC Datasheet
282Kb / 5P
   3.2 x 1.6mm SMD CHIP LED LAMP
APTD3216MGC KINGBRIGHT-APTD3216MGC Datasheet
277Kb / 5P
   3.2 x 1.6mm SMD CHIP LED LAMP
APC3216SYC KINGBRIGHT-APC3216SYC Datasheet
104Kb / 4P
   3.2 X 1.6MM SMD CHIP LED lamp
APC3216SECK KINGBRIGHT-APC3216SECK Datasheet
108Kb / 4P
   3.2 X 1.6MM(1206) SMD CHIP LED lamp
APC3216MBC KINGBRIGHT-APC3216MBC Datasheet
108Kb / 4P
   3.2 X 1.6MM(1206) SMD CHIP LED
APC3216MGC KINGBRIGHT-APC3216MGC Datasheet
104Kb / 4P
   3.2 X 1.6MM(1206) SMD CHIP LED
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com