전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7765BRUZ 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD7765BRUZ
상세설명  24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7765BRUZ 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD7765BRUZ Datasheet HTML 3Page - Analog Devices AD7765BRUZ Datasheet HTML 4Page - Analog Devices AD7765BRUZ Datasheet HTML 5Page - Analog Devices AD7765BRUZ Datasheet HTML 6Page - Analog Devices AD7765BRUZ Datasheet HTML 7Page - Analog Devices AD7765BRUZ Datasheet HTML 8Page - Analog Devices AD7765BRUZ Datasheet HTML 9Page - Analog Devices AD7765BRUZ Datasheet HTML 10Page - Analog Devices AD7765BRUZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD7765
Rev. 0 | Page 7 of 32
TIMING DIAGRAMS
D22
D23
D21
D20
D19
D1
D0
ST4
ST3
ST2
ST1
ST0
0
0
0
SCO (O)
FSO (O)
SDO (O)
t1
t9
32 ×
tSCO
t2
t8
t3
t4
t5
t7
t6
Figure 2. Serial Read Timing Diagram
RA15
RA14
RA13
RA12
RA11
RA10
RA9
RA8
RA1
RA0
D15
D14
D1
D0
SCO (O)
FSI (I)
SDI (I)
t12
t1
t10
t13
t14
t15
t11
t2
Figure 3. AD7765 Register Write
STATUS REGISTER
CONTENTS [31:16]
DON’T CARE
BITS [15:0]
SCO (O)
SDO (O)
FSI (I)
SDI (I)
FSO (O)
≥8 ×
tSCO
NEXT DATA READ FOLLOWING THE WRITE TO CONTROL REGISTER
CONTROL REGISTER
ADDR (0x0001)
CONTROL REGISTER
INSTRUCTION
Figure 4. AD7765 Status Register Read Cycle


유사한 부품 번호 - AD7765BRUZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7765BRUZ AD-AD7765BRUZ Datasheet
330Kb / 21P
   24-Bit, 156 kSPS,112dB ADC, With On-Chip Buffers, Serial Interface
Rev. PrC
AD7765BRUZ AD-AD7765BRUZ Datasheet
881Kb / 33P
   Sigma-Delta ADC On-Chip Buffers and Serial Interface
AD7765BRUZ-REEL7 AD-AD7765BRUZ-REEL7 Datasheet
881Kb / 33P
   Sigma-Delta ADC On-Chip Buffers and Serial Interface
More results

유사한 설명 - AD7765BRUZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7764 AD-AD7764_07 Datasheet
1Mb / 32P
   24-Bit, 312 kSPS, 109 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7763 AD-AD7763 Datasheet
688Kb / 32P
   24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
REV. 0
AD7765 AD-AD7765 Datasheet
330Kb / 21P
   24-Bit, 156 kSPS,112dB ADC, With On-Chip Buffers, Serial Interface
Rev. PrC
AD7764 AD-AD7764 Datasheet
330Kb / 21P
   24-Bit 312 kSPS 109dB ADC With On-Chip Buffers Serial Interface
Rev. PrC
AD7763 AD-AD7763_15 Datasheet
822Kb / 33P
   24-Bit, 625 kSPS, 109 dB Sigma-Delta ADC with On-Chip Buffers, Serial Interface
REV. B
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
AD7762 AD-AD7762 Datasheet
591Kb / 28P
   625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
REV. 0
AD7765 AD-AD7765_17 Datasheet
881Kb / 33P
   Sigma-Delta ADC On-Chip Buffers and Serial Interface
AD7763 AD-AD7763_17 Datasheet
642Kb / 33P
   Sigma-Delta ADC with On-Chip Buffers, Serial Interface
AD7762 AD-AD7762_15 Datasheet
799Kb / 29P
   625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com