전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8251 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD8251
상세설명  10 MHz, 20 V/關s, G = 1, 2, 4, 8 i CMOS짰 Programmable Gain Instrumentation Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8251 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD8251 Datasheet HTML 7Page - Analog Devices AD8251 Datasheet HTML 8Page - Analog Devices AD8251 Datasheet HTML 9Page - Analog Devices AD8251 Datasheet HTML 10Page - Analog Devices AD8251 Datasheet HTML 11Page - Analog Devices AD8251 Datasheet HTML 12Page - Analog Devices AD8251 Datasheet HTML 13Page - Analog Devices AD8251 Datasheet HTML 14Page - Analog Devices AD8251 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8251
Rev. 0 | Page 11 of 24
40
30
20
10
–10
–30
0
–20
–40
–10
–8
–6
–4
–2
02468
10
OUTPUT VOLTAGE (V)
Figure 24. Gain Nonlinearity, G = 4, RL = 10 kΩ, 2 kΩ, 600 Ω
40
30
20
10
–10
–30
0
–20
–40
–10
–8
–6
–4
–2
02468
10
OUTPUT VOLTAGE (V)
Figure 25. Gain Nonlinearity, G = 8, RL = 10 kΩ, 2 kΩ, 600 Ω
16
–16
–16
16
OUTPUT VOLTAGE (V)
12
8
4
0
–4
–8
–12
–12
–8
–4
0
4
8
12
VS = ±5V
0V, –3.9V
0V, –13.5V
0V, +13.5V
–14.2V, +7.1V
–14.2V, –7.1V
+14V, –7V
+14V, +7V
–4V, –2V
–4V, +2.2V
+4V, –2V
+4V, +2V
0V, +3.85V
0V, ±15V
Figure 26. Input Common-Mode Voltage Range vs. Output Voltage, G = 1
16
–16
–16
16
OUTPUT VOLTAGE (V)
12
8
4
0
–4
–8
–12
–12
–8
–4
0
4
8
12
VS = ±5V
0V, –3.9V
0V, –13.5V
0V, +13.5V
–13V, +13.5V
–13V, –13.1V
+13V, +13V
+13V, –13.5V
–4V, –3.9V
–4V, +4V
+4V, –4V
+4V, +3.9V
0V, +4V
VS ±15V
Figure 27. Input Common-Mode Voltage Range vs. Output Voltage, G = 8
+VS
–VS
41
SUPPLY VOLTAGE (±VS)
6
–1
–2
+2
+1
6
8
10
12
14
+125°C
+85°C
+25°C
–40°C
+125°C
+85°C
+25°C
–40°C
Figure 28. Input Voltage Limit vs. Supply Voltage, G = 1, VREF = 0 V, RL = 10 kΩ
15
–15
–16
16
DIFFERENTIAL INPUT VOLTAGE (V)
10
5
0
–5
–10
–12
–8
–4
0
4
8
12
+VS
FAULT CONDITION
(OVER DRIVEN INPUT)
G = 8
FAULT CONDITION
(OVER DRIVEN INPUT)
G = 8
+IN
–IN
–VS
Figure 29. Fault Current Draw vs. Input Voltage, G = 8, RL = 10 kΩ


유사한 부품 번호 - AD8251

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8251 AD-AD8251 Datasheet
128Kb / 8P
   12MHz 20V/us G=1,2,4,8 Programmable Gain iCMOS Instrumentation Amplifier
Rev.PrB
AD8251 AD-AD8251 Datasheet
217Kb / 10P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
Rev. prA
AD8251 AD-AD8251 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8251 AD-AD8251 Datasheet
529Kb / 28P
   Wide Supply Range, Micropower,
REV. 0
AD8251 AD-AD8251 Datasheet
805Kb / 28P
   Wide Supply Range, Rail-to-Rail
REV. 0
More results

유사한 설명 - AD8251

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8253 AD-AD8253 Datasheet
217Kb / 10P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
Rev. prA
AD8251 AD-AD8251_16 Datasheet
725Kb / 25P
   10 MHz, 20 V/關s, G = 1, 2, 4, 8 iCMOS Programmable Gain Instrumentation Amplifier
AD8250ARMZ-R7 AD-AD8250ARMZ-R7 Datasheet
835Kb / 24P
   10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
REV. C
AD8250 AD-AD8250_16 Datasheet
932Kb / 25P
   10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
AD8253 AD-AD8253_08 Datasheet
584Kb / 24P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
REV. 0
AD8253 AD-AD8253_16 Datasheet
527Kb / 25P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
logo
Texas Instruments
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
[Old version datasheet]   Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8253 AD-AD8253_15 Datasheet
422Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com