전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS40K230QPK2 데이터시트(PDF) 2 Page - EPCOS

부품명 LS40K230QPK2
상세설명  Strap Varistors HighE Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

LS40K230QPK2 데이터시트(HTML) 2 Page - EPCOS

  LS40K230QPK2 Datasheet HTML 1Page - EPCOS LS40K230QPK2 Datasheet HTML 2Page - EPCOS LS40K230QPK2 Datasheet HTML 3Page - EPCOS LS40K230QPK2 Datasheet HTML 4Page - EPCOS LS40K230QPK2 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
228 04/02
1) available upon request
Maximum ratings (TA = 85 °C)
Type
SIOV-
Ordering
code
Type
SIOV-
Ordering
code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
LS40K130QP B72240
L0131K100
LS40K130QPK2 B72240
L0131K102
130
170
40000
310
1,4
LS40K140QP B72240
L0141K1001)
LS40K140QPK2 B72240
L0141K102
140
180
40000
340
1,4
LS40K150QP B72240
L0151K100
LS40K150QPK2 B72240
L0151K102
150
200
40000
360
1,4
LS40K230QP B72240
L0231K100
LS40K230QPK2 B72240
L0231K1021)
230
300
40000
460
1,4
LS40K250QP B72240
L0251K100
LS40K250QPK2 B72240
L0251K102
250
320
40000
490
1,4
LS40K275QP B72240
L0271K100
LS40K275QPK2 B72240
L0271K102
275
350
40000
550
1,4
LS40K320QP B72240
L0321K100
LS40K320QPK2 B72240
L0321K102
320
420
40000
640
1,4
LS40K385QP B72240
L0381K100
LS40K385QPK2 B72240
L0381K1021)
385
505
40000
800
1,4
LS40K420QP B72240
L0421K100
LS40K420QPK2 B72240
L0421K1021)
420
560
40000
910
1,4
LS40K440QP B72240
L0441K100
LS40K440QPK2 B72240
L0441K1021)
440
585
40000
950
1,4
LS40K460QP B72240
L0461K100
LS40K460QPK2 B72240
L0461K102
460
615
40000
960
1,4
LS40K550QP B72240
L0551K100
LS40K550QPK2 B72240
L0551K102
550
745
40000
960
1,4
LS40K680QP B72240
L0681K100
LS40K680QPK2 B72240
L0681K102
680
895
40000
1100
1,4
LS40K750QP B72240
L0751K100
LS40K750QPK2 B72240
L0751K102
750
970
40000
1200
1,4
HighE Series
Strap Varistors


유사한 부품 번호 - LS40K230QPK2

제조업체부품명데이터시트상세설명
logo
MDE Semiconductor, Inc.
LS40K230QP MDE-LS40K230QP Datasheet
39Kb / 1P
   Metal Oxide Varistors
LS40K230QP MDE-LS40K230QP Datasheet
39Kb / 1P
   Metal Oxide Varistors
More results

유사한 설명 - LS40K230QPK2

제조업체부품명데이터시트상세설명
logo
EPCOS
B72240B0750K001 EPCOS-B72240B0750K001 Datasheet
96Kb / 7P
   Block Varistors HighE Series
B72250L0131K100 EPCOS-B72250L0131K100 Datasheet
84Kb / 5P
   Strap Varistors
logo
List of Unclassifed Man...
L-1011-9 ETC2-L-1011-9 Datasheet
37Kb / 1P
   CHO-STRAP INSULATED GROUND STRAP
logo
RFE international
FLR190F RFE-FLR190F Datasheet
129Kb / 1P
   STRAP TYPE PPTC FLR Series
logo
Thinking Electronic Ind...
KSL0150070 THINKING-KSL0150070 Datasheet
166Kb / 4P
   Strap Type KSL Series
KSH0150170 THINKING-KSH0150170 Datasheet
179Kb / 4P
   Strap Type KSH Series
KSV0120170 THINKING-KSV0120170 Datasheet
142Kb / 5P
   Strap Type KSV Series
logo
RFE international
FLT070F RFE-FLT070F Datasheet
120Kb / 1P
   STRAP TYPE PPTC FLT Series
FSR120F RFE-FSR120F Datasheet
111Kb / 2P
   STRAP TYPE PPTC FSR Series
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com