전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS60120PWP 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS60120PWP
상세설명  REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS60120PWP 데이터시트(HTML) 5 Page - Texas Instruments

  TPS60120PWP Datasheet HTML 1Page - Texas Instruments TPS60120PWP Datasheet HTML 2Page - Texas Instruments TPS60120PWP Datasheet HTML 3Page - Texas Instruments TPS60120PWP Datasheet HTML 4Page - Texas Instruments TPS60120PWP Datasheet HTML 5Page - Texas Instruments TPS60120PWP Datasheet HTML 6Page - Texas Instruments TPS60120PWP Datasheet HTML 7Page - Texas Instruments TPS60120PWP Datasheet HTML 8Page - Texas Instruments TPS60120PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
TPS60120, TPS60121, TPS60122, TPS60123, TPS60124, TPS60125
REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS257B – NOVEMBER 1999 – REVISED AUGUST 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
adaptive mode switching (continued)
The voltage on the flying capacitors is measured and compared with the supply voltage (VI). If the voltage across
the flying capacitors is smaller than half of the supply voltage, then the charge pump switches into the 1.5x
conversion-mode. The charge pump switches back from a 1.5x conversion-mode to a voltage doubler mode
if the load current in 1.5x conversion-mode can no longer be delivered.
With this control mode the device runs in doubler-mode at low VI and in 1.5x conversion-mode at high VI to
optimize the efficiency. The most desirable doubler mode is automatically selected depending on both VI and
IL. This means that at light loads the device selects the 1.5x conversion-mode already at smaller supply voltages
than at heavy loads.
The TPS6012x output voltage is regulated using the
ACTIVE-CYCLE regulation. An active cycle controlled
charge pump utilizes two methods to control the output voltage. At high load currents it varies the on resistances
of the internal switches and keeps the ratio ON/OFF time (=frequency) constant. That means the charge pump
runs at a fixed frequency. It also keeps the output voltage ripple as low as in linear-mode. At light loads the
internal resistance and also the amount of energy transferred per pulse is fixed and the charge pump regulates
the voltage by means of a variable ratio of ON-to-OFF time. In this operating point, it runs like a skip mode
controlled charge pump with a very high internal resistance, which also enables a low ripple in this operation
mode. Since the charge pump does effectively switch at lower frequencies at light loads, it achieves a low
quiescent current.
pulse-skip mode
In pulse-skip mode the error amplifier disables switching of the power stages when it detects an output higher
than the nominal output voltage. The oscillator halts and the IC then skips switching cycles until the output
voltage drops below the nominal output voltage. Then the error amplifier reactivates the oscillator and starts
switching the power stages again. The pulse-skip regulation mode minimizes operating current because it does
not switch continuously and deactivates all functions except bandgap reference, error amplifier, and
low-battery/power-good comparator when the output is higher than the nominal output voltage. When switching
is disabled from the error amplifier, the load is also isolated from the input. In pulse-skip mode, a special current
control circuitry limits the peak current. This assures moderate output voltage ripple and also prevents the
device from drawing excessive current spikes out of the battery.
start-up procedure
During start-up, i.e., when ENABLE is set from logic low to logic high, the output capacitor is charged up with
a limited current until the output voltage (VO) reaches 0.8 × VI. When the start-up comparator detects this voltage
limit, the IC begins switching. This start-up charging of the output capacitor ensures a short start-up time and
eliminates the need of a Schottky diode between IN and OUT. The IC starts into a maximum load resistance
of VO(nom)/IO(max).
shutdown
Driving ENABLE low places the device in shutdown mode. This disables all switches, the oscillator, and control
logic. The device typically draws 0.05
µA (1 µA max) of supply current in this mode. Leakage current drawn from
the output is as low as 1
µA max. The device exits shutdown once ENABLE is set to a high level. The typical
no-load shutdown exit time is 10
µs. When the device is in shutdown, the load is isolated from the input.
undervoltage lockout and short-circuit current limit
The TPS6012x devices have an undervoltage lockout feature that deactivates the device and places it in
shutdown mode when the input voltage falls below the typical threshold voltage of 1.6 V. During a short-circuit
condition at the output, the current is limited to 115 mA.


유사한 부품 번호 - TPS60120PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60120PWP TI-TPS60120PWP Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120PWPG4 TI-TPS60120PWPG4 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120PWPR TI-TPS60120PWPR Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120PWPRG4 TI-TPS60120PWPRG4 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results

유사한 설명 - TPS60120PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60120 TI-TPS60120_15 Datasheet
971Kb / 30P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
Linear Technology
LTC1751-5 LINER-LTC1751-5_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-3.3 LINER-LTC1751-3.3_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751 LINER-LTC1751_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com