전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UZXYY 데이터시트(PDF) 11 Page - Advanced Analogic Technologies

부품명 UZXYY
상세설명  PCMCIA Current Limit Interface and Capacitor Charger
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGICTECH [Advanced Analogic Technologies]
홈페이지  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

UZXYY 데이터시트(HTML) 11 Page - Advanced Analogic Technologies

Back Button UZXYY Datasheet HTML 7Page - Advanced Analogic Technologies UZXYY Datasheet HTML 8Page - Advanced Analogic Technologies UZXYY Datasheet HTML 9Page - Advanced Analogic Technologies UZXYY Datasheet HTML 10Page - Advanced Analogic Technologies UZXYY Datasheet HTML 11Page - Advanced Analogic Technologies UZXYY Datasheet HTML 12Page - Advanced Analogic Technologies UZXYY Datasheet HTML 13Page - Advanced Analogic Technologies UZXYY Datasheet HTML 14Page - Advanced Analogic Technologies UZXYY Datasheet HTML 15Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AAT4620
PCMCIA Current Limit Interface
and Capacitor Charger
4620.2007.04.1.1
11
Figure 1: Calculated Current Limit R
SET
Characteristic.
System Ready Hysteresis (RHYS) and
System Ready (RDY)
In internal comparator senses the output voltage
and delivers a ready signal to the external micro
controller when the output voltage reaches 98% of
the final value (V
CC). The comparator hysteresis is
programmed by a resistor from the RHYS pin to
ground. The RHYS voltage determines the hys-
teresis voltage and is equal to the RHYS source
current (1µA) times the RHYS resistance.
The system ready pin (RDY) is an open drain out-
put that switches low when the output voltage
reaches 98% of the input voltage. It requires an
external pull up resistor tied to the input voltage
with a typical value of 100k
Ω.
Power Loop
The AAT4620 power loop limits the load current in
the event that the device power dissipation becomes
excessive. The AAT4620 power loop regulates the
die temperature to 100°C, decreasing the load cur-
rent in increments of 1/32 of the current limit set point
when the die temperature reaches 100°C. When the
die temperature exceeds 100°C it decreases the
load current by 1/32 of the current limit set point. If
die temperature is less than 100°C, it increases the
load current in increments of 1/32 of the current limit
set point until the set current limit point is reached or
the die temperature exceeds 100°C.
The delay time between die temperature measure-
ments varies depending on the load current limit
set point. The delay ranges from 1ms for a 75mA
current limit set point to 8ms for a 1.5A current limit
set point.
For the condition where there is no current limit set
point (shorting R
SETU or RSETL to ground) the soft
start increments the current limit is 1/32 steps of
1.2A until the current reaches 1.2A, at which point
the power MOSFET turns on fully. At this point, the
current is limited by the R
DS(ON) of the power MOS-
FET and other series resistance. The Power Loop
and Over-Temperature Loop then takes control to
limit the current until the output voltage has fully
charged.
Over-Temperature Protection
If the die temperature rate of rise is fast enough to
exceed the power loop regulated temperature,
over-temperature shutdown disables the device.
The over-temperature threshold is 145°C. After
over-temperature shutdown, soft start is initiated
once the die temperature drops to 130°C.
Short Circuit Protection
The series pass power MOSFET turns off com-
pletely after the output has charged to within 18mV
of the input voltage. This protects the device in the
event of a short circuit applied to the output.
Applying a short circuit or heavy load to the output
initiates the digital soft start where the current
ramps from zero to the final programmed value. The
power loop will be activated once the digital soft
start begins.
Under-Voltage Shutdown
Under-voltage lockout enables the device at 2.7V
typical with 100mV of hysteresis. The maximum
UVLO level is 3.0V.
I
LOAD vs. RSETU and RSETL
RSETU and RSETL (M
Ω
Ω)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.10
0.30
0.50
0.70
0.90
1.10
1.30
1.50
V
HYST = RHYS · 1μA
= 200k
Ω · 1μA
= 0.2V


유사한 설명 - UZXYY

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
AAT4620 SKYWORKS-AAT4620_12 Datasheet
830Kb / 14P
   PCMCIA Current Limit Interface and Capacitor Charger
logo
Advanced Analogic Techn...
AAT4621 ANALOGICTECH-AAT4621 Datasheet
878Kb / 16P
   PC Card Current Limit Interface and Capacitor Charger
logo
Skyworks Solutions Inc.
AAT4621 SKYWORKS-AAT4621_12 Datasheet
1Mb / 17P
   PC Card Current Limit Interface and Capacitor Charger
logo
SiGe Semiconductor, Inc...
AATIAN92 SIGE-AATIAN92 Datasheet
351Kb / 7P
   Power Path with Input Current Limit and Capacitor Charger
logo
Allegro MicroSystems
A8425 ALLEGRO-A8425 Datasheet
439Kb / 16P
   High Current Photoflash Capacitor Charger
logo
Zilog, Inc.
Z86017 ZILOG-Z86017 Datasheet
1Mb / 138P
   PCMCIA Interface Solution
logo
STMicroelectronics
LK115 STMICROELECTRONICS-LK115 Datasheet
224Kb / 14P
   Internal current and thermal limit
January 2014 Rev 5
logo
Vicor Corporation
VI-211-CY VICOR-VI-211-CY Datasheet
311Kb / 6P
   Remote sense and current limit
VI-J00-CY VICOR-VI-J00-CY Datasheet
189Kb / 5P
   Remote sense and current limit
logo
Agere Systems
L9219A AGERE-L9219A Datasheet
397Kb / 30P
   Low-Cost Line Interface with Reverse Battery and Dual Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com