전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDC5801A 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 CDC5801A
상세설명  LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE AND PHASE ALIGNMENT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CDC5801A 데이터시트(HTML) 9 Page - Texas Instruments

Back Button CDC5801A Datasheet HTML 5Page - Texas Instruments CDC5801A Datasheet HTML 6Page - Texas Instruments CDC5801A Datasheet HTML 7Page - Texas Instruments CDC5801A Datasheet HTML 8Page - Texas Instruments CDC5801A Datasheet HTML 9Page - Texas Instruments CDC5801A Datasheet HTML 10Page - Texas Instruments CDC5801A Datasheet HTML 11Page - Texas Instruments CDC5801A Datasheet HTML 12Page - Texas Instruments CDC5801A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
CDC5801A
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH
PROGRAMMABLE DELAY AND PHASE ALIGNMENT
SCAS813A − AUGUST 2005 − REVISED DECEMBER 2005
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
jitter specification over recommended operating free-air temperature range and VCC (unless
otherwise noted) (continued)
PARAMETER
CLKOUT
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
t(jitter)
(Divider mode with
phase alignment and
MULT0:1 = 00
(Divider
50 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Phase jitter (accumulated, 12 kHz to 20 MHz)
Cycle-to-cycle (+)
Cycle-to-cycle (−)
9
50
13
35
35
ps
phase alignment and
programmable delay
features selected. See
Figure 2.)
(Divider
ratio = 2)
62.5 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Phase jitter (accumulated, 12 kHz to 20 MHz)
Cycle-to-cycle (+)
Cycle-to-cycle (−)
6.5
30
10
26
26
ps
† All typical values are at VDD = 3.3 V, TA = 25°C.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
t(DC)
Output duty cycle
See Figure 3
45%
55%
tr, tf
Output rise and fall times (measured at 20%−80% of
output voltage)
See Figure 5 and Figure 1
150
350
ps
† All typical values are at VDD = 3.3 V, TA = 25°C.


유사한 부품 번호 - CDC5801A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDC5801A TI-CDC5801A Datasheet
626Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
CDC5801A TI1-CDC5801A Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
CDC5801ADBQ TI-CDC5801ADBQ Datasheet
626Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
CDC5801ADBQG4 TI1-CDC5801ADBQG4 Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
CDC5801ADBQR TI-CDC5801ADBQR Datasheet
626Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
More results

유사한 설명 - CDC5801A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDC5801 TI-CDC5801 Datasheet
214Kb / 16P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY AND PHASE ALIGNMENT
CDC5801ADBQ TI-CDC5801ADBQ Datasheet
626Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
CDCF5801 TI-CDCF5801 Datasheet
252Kb / 17P
[Old version datasheet]   CLOCK MULTIPLIER WITH DELAY CONTROL AND PHASE ALIGNMENT
CDCF5801A TI-CDCF5801A Datasheet
248Kb / 18P
[Old version datasheet]   CLOCK MULTIPLIER WITH DELAY CONTROL AND PHASE ALIGNMENT
logo
Integrated Circuit Syst...
ICS2059-02 ICST-ICS2059-02 Datasheet
210Kb / 11P
   Clock Multiplier and Jitter Attenuator
logo
Renesas Technology Corp
ICS2059-02 RENESAS-ICS2059-02 Datasheet
454Kb / 13P
   CLOCK MULTIPLIER AND JITTER ATTENUAT
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
   Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
Texas Instruments
CDC5801A TI1-CDC5801A_14 Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
logo
Hittite Microwave Corpo...
HMC988LP3E HITTITE-HMC988LP3E Datasheet
1Mb / 22P
   PROGRAMMABLE CLOCK DIVIDER AND DELAY
logo
Integrated Circuit Syst...
ICS543 ICST-ICS543 Datasheet
60Kb / 4P
   PRELIMINARY INFORMATION Clock Divider and 2X Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com