전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M93C86-WMN7TG 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 M93C86-WMN7TG
상세설명  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C86-WMN7TG 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button M93C86-WMN7TG Datasheet HTML 2Page - STMicroelectronics M93C86-WMN7TG Datasheet HTML 3Page - STMicroelectronics M93C86-WMN7TG Datasheet HTML 4Page - STMicroelectronics M93C86-WMN7TG Datasheet HTML 5Page - STMicroelectronics M93C86-WMN7TG Datasheet HTML 6Page - STMicroelectronics M93C86-WMN7TG Datasheet HTML 7Page - STMicroelectronics M93C86-WMN7TG Datasheet HTML 8Page - STMicroelectronics M93C86-WMN7TG Datasheet HTML 9Page - STMicroelectronics M93C86-WMN7TG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
M93C86, M93C76, M93C66, M93C56, M93C46
6/31
MEMORY ORGANIZATION
The M93Cx6 memory is organized either as bytes
(x8) or as words (x16). If Organization Select
(ORG) is left unconnected (or connected to VCC)
the x16 organization is selected; when Organiza-
tion Select (ORG) is connected to Ground (VSS)
the x8 organization is selected. When the M93Cx6
is in stand-by mode, Organization Select (ORG)
should be set either to VSS or VCC for minimum
power consumption. Any voltage between VSS
and VCC applied to Organization Select (ORG)
may increase the stand-by current.
INTERNAL DEVICE RESET
In order to prevent inadvertent Write operations
during Power-up, a Power On Reset (POR) circuit
is included.
At Power-up and Power-down, the device must
not be selected (that is, the Chip Select Input (S)
must be driven Low) until the supply voltage
reaches the operating voltage VCC (as defined in
Tables 9, 10 and 11).
During Power-up (phase during which VCC is low-
er than VCCmin but increases continuously), the
device will not respond to any instruction until VCC
has reached the Power On Reset threshold volt-
age (this threshold is lower than the minimum VCC
operating voltage defined in DC AND AC PARAM-
ETERS). Once VCC has passed the POR thresh-
old, the device is reset.
Prior to selecting the memory and issuing instruc-
tions to it, a valid and stable VCC voltage must be
applied. This voltage must remain stable and valid
until the end of the transmission of the instruction
and, for a Write instruction, until the completion of
the internal write cycle (tW).
During Power-down (phase during which VCC de-
creases continuously), as soon as VCC drops from
the normal operating voltage below the Power On
Reset threshold voltage, the device stops re-
sponding to any instruction sent to it.
ACTIVE POWER AND STANDBY POWER MODES
When Chip Select (S) is High, the device is select-
ed and in the Active Power mode. It consumes
ICC, as specified in Tables 15, 16, 17, 18 and 19.
When Chip Select (S) is Low, the device is dese-
lected.
If no Erase/Write cycle is in progress when Chip
Select goes Low, the device enters the Standby
Power mode, and the power consumption drops to
ICC1.
For the M93Cx6 devices (5V range) the POR
threshold voltage is around 3V. For the M93Cx6-
W (3V range) and M93Cx6-R (2V range) the POR
threshold voltage is around 1.5V.


유사한 부품 번호 - M93C86-WMN7TG

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M93C86-WMN7 STMICROELECTRONICS-M93C86-WMN7 Datasheet
611Kb / 31P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
More results

유사한 설명 - M93C86-WMN7TG

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M93C86 STMICROELECTRONICS-M93C86 Datasheet
611Kb / 31P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
M93C86 STMICROELECTRONICS-M93C86 Datasheet
436Kb / 27P
   16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
M24C02-R STMICROELECTRONICS-M24C02-R Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
M93S66 STMICROELECTRONICS-M93S66 Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M93C46MN6T STMICROELECTRONICS-M93C46MN6T Datasheet
623Kb / 33P
   (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
November 2013 Rev 15
M93C46-WMN6P STMICROELECTRONICS-M93C46-WMN6P Datasheet
979Kb / 33P
   16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
M95040 STMICROELECTRONICS-M95040 Datasheet
586Kb / 37P
   4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
ST93C06 STMICROELECTRONICS-ST93C06 Datasheet
118Kb / 15P
   256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
M93C86-125 STMICROELECTRONICS-M93C86-125 Datasheet
248Kb / 32P
   Automotive 16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial EEPROM
M93C86 STMICROELECTRONICS-M93C86_11 Datasheet
350Kb / 34P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com