전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM55-0016TR 데이터시트(PDF) 4 Page - Tyco Electronics

부품명 AM55-0016TR
상세설명  Switched Low Noise Amplifier 800 - 1000 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

AM55-0016TR 데이터시트(HTML) 4 Page - Tyco Electronics

  AM55-0016TR Datasheet HTML 1Page - Tyco Electronics AM55-0016TR Datasheet HTML 2Page - Tyco Electronics AM55-0016TR Datasheet HTML 3Page - Tyco Electronics AM55-0016TR Datasheet HTML 4Page - Tyco Electronics AM55-0016TR Datasheet HTML 5Page - Tyco Electronics AM55-0016TR Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Switched Low Noise Amplifier
800 - 1000 MHz
AM55-0016
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
4
High Gain Mode: Noise Figure vs. Current
High Gain Mode: Input IP3 vs. Current
High Gain Mode: IIP3 vs. Current and Voltage
Typical Performance Curves
High Gain: Gain and Output Power vs. Input Power
Low Gain Mode: Insertion Loss and Input IP3
High Gain Mode: Gain vs. Current
10
11
12
13
14
15
16
17
18
-10
-8
-6
-4
-2
0
2
4
6
-26
-24
-22
-20
-18
-16
-14
-12
-10
Gain (dB)
Output Power (dBm)
Input Power (dBm)
-7.0
-6.5
-6.0
-5.5
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
20
21
22
23
24
25
26
27
28
29
30
800
850
900
950
1000
IL (dB)
IIP3 (dBm)
Frequency (MHz)
-2
0
2
4
6
8
10
10
12
14
16
18
20
22
24
26
28
30
2.7 V
3.2 V
3.6 V
4.0 V
Current (mA)
12
13
14
15
16
17
18
19
800
850
900
950
1000
10mA
20mA
30mA
Frequency (MHz)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
800
850
900
950
1000
10mA
20mA
30mA
Frequency (MHz)
-3
-2
-1
0
1
2
3
4
5
6
7
800
850
900
950
1000
10mA
15 mA
20mA
25mA
Frequency (MHz)


유사한 부품 번호 - AM55-0016TR

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AM55-0016TR MACOM-AM55-0016TR Datasheet
92Kb / 4P
   Switched Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AM55-0016TR MA-COM-AM55-0016TR Datasheet
223Kb / 6P
   Switched Low Noise Amplifier 800 - 1000 MHz
More results

유사한 설명 - AM55-0016TR

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AM55-0016 MACOM-AM55-0016 Datasheet
92Kb / 4P
   Switched Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AM55-0016 MA-COM-AM55-0016 Datasheet
223Kb / 6P
   Switched Low Noise Amplifier 800 - 1000 MHz
AM50-0003 MA-COM-AM50-0003 Datasheet
211Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
AM50-0003 MACOM-AM50-0003 Datasheet
318Kb / 4P
   High Dynamic Range Low Noise Amplifier 800-1000 MHz
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
MAAL-008091 MACOM-MAAL-008091 Datasheet
191Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
PA1215 MACOM-PA1215 Datasheet
50Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1217 MACOM-PA1217 Datasheet
46Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1220 MACOM-PA1220 Datasheet
49Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
logo
List of Unclassifed Man...
SGL-0163 ETC-SGL-0163 Datasheet
211Kb / 6P
   800-1000 MHZ LOW NOISE AMPLIFIER 50 OHM SILICON GERMANIUM
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com