전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSD56120 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 TSD56120
상세설명  RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSD56120 데이터시트(HTML) 4 Page - STMicroelectronics

  TSD56120 Datasheet HTML 1Page - STMicroelectronics TSD56120 Datasheet HTML 2Page - STMicroelectronics TSD56120 Datasheet HTML 3Page - STMicroelectronics TSD56120 Datasheet HTML 4Page - STMicroelectronics TSD56120 Datasheet HTML 5Page - STMicroelectronics TSD56120 Datasheet HTML 6Page - STMicroelectronics TSD56120 Datasheet HTML 7Page - STMicroelectronics TSD56120 Datasheet HTML 8Page - STMicroelectronics TSD56120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
SD56120
4/15
2
Electrical characteristics
TCASE = +25
oC
2.1
Static
Note:
REF. 7194566A
2.2
Dynamic
Note:
f1 = 860 MHz
PEP f2 = 860.1 MHz
Table 3.
Static (per section)
Symbol
Test conditions
Min
Typ
Max
Unit
V(BR)DSS
VGS = 0 V
IDS = 1 mA
65
V
IDSS
VGS = 0 V
VDS = 28 V
1
µA
IGSS
VGS = 20 V
VDS = 0 V
1
µA
VGS(Q)
VDS = 28 V
ID = 200 mA
3.0
5.0
V
VDS(ON)
VGS = 10 V
ID = 3 A
0.7
0.8
V
GFS
VDS = 10 V
ID = 3 A
3
mho
CISS
VGS = 0 V
VDS = 28 V
f = 1 MHz
82
pF
COSS
VGS = 0 V
VDS = 28 V
f = 1 MHz
48
pF
CRSS
VGS = 0 V
VDS = 28 V
f = 1 MHz
2.8
pF
Table 4.
Dynamic
Symbol
Test conditions
Min
Typ
Max
Unit
POUT
VDD = 28 V IDQ = 400 mA f = 860 MHz
100
W
GPS
VDD = 28 V IDQ = 400 mA POUT = 100 W f = 860 MHz 14
16
dB
ηD
VDD = 28 V IDQ = 400 mA POUT = 100 W f = 860 MHz 50
60
%
GPS
VDD = 28 V IDQ = 400 mA POUT = 100 W PEP
16
dB
hD
VDD = 28 V IDQ = 400 mA POUT = 100 W PEP
50
%
IMD
VDD = 28 V IDQ = 400 mA POUT = 100 W PEP
-28
dBt
Load
mismatch
VDD = 28 V IDQ = 400 mA POUT = 100 W f = 860 MHz
All phase angles
5:1
VSWR


유사한 부품 번호 - TSD56120

제조업체부품명데이터시트상세설명
logo
FENGJUI TECHNOLOGY CO.,...
TSD561 FENGJUI-TSD561 Datasheet
299Kb / 4P
   SMD POWER INDUCTOR-RoHS
More results

유사한 설명 - TSD56120

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
PD57070-E STMICROELECTRONICS-PD57070-E Datasheet
483Kb / 22P
   RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57060-E STMICROELECTRONICS-PD57060-E Datasheet
488Kb / 21P
   RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
STAP85025S STMICROELECTRONICS-STAP85025S Datasheet
189Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PD20010TR-E STMICROELECTRONICS-PD20010TR-E Datasheet
240Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
May 2012 Rev 2
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
STAP85025 STMICROELECTRONICS-STAP85025 Datasheet
151Kb / 12P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
July 2009
PD54003-E STMICROELECTRONICS-PD54003-E_10 Datasheet
1Mb / 27P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008-E STMICROELECTRONICS-PD55008-E_10 Datasheet
501Kb / 25P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com