전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MA4E1339 데이터시트(PDF) 3 Page - Tyco Electronics

부품명 MA4E1339
상세설명  Silicon Medium Barrier Schottky Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4E1339 데이터시트(HTML) 3 Page - Tyco Electronics

  MA4E1339 Datasheet HTML 1Page - Tyco Electronics MA4E1339 Datasheet HTML 2Page - Tyco Electronics MA4E1339 Datasheet HTML 3Page - Tyco Electronics MA4E1339 Datasheet HTML 4Page - Tyco Electronics MA4E1339 Datasheet HTML 5Page - Tyco Electronics MA4E1339 Datasheet HTML 6Page - Tyco Electronics MA4E1339 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Silicon Medium Barrier
Schottky Diodes
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
3
V6
MA4E1339 Series
Also Offering
RoHS Compliant
Equivalent Parts
Maximum Ratings 25 °C (unless otherwise specified)
*
Electrical Specifications @ TA = +25 °C
* Exceeding these limits may cause permanent damage.
** Please refer to Application Note M538 for surface mounting instructions.
Parameter
Values
Operating Temperature
-55 to +125
Storage Temperature
-55 to +125
Total Power Dissipation (RF and D.C.)
250
Continuous Forward Current
30
Surge Forward Current, @ t<10 millisec
100
Soldering Temperature (Standard Part #)
+235 for 5 sec.**
Unit
°C
°C
mW
mA
mA
°C
Soldering Temperature (RoHS Compliant Part #)
°C
+260 for 5 sec.**
Reverse Voltage
V
20
Parameter
Condition
Symbol
Specification
Forward Voltage
IF = 1 mA
VF
410 mV max.
Delta Forward Current
IF = 1 mA
VF
20 mV max.
For series pair and unconnected
pair configurations
Forward Voltage
IF = 10 mA
VF
1.0 V max.
Total Capacitance
VR = 0 V
F = 1 MHz
CT
1.2 pF max.
Reverse Leakage Current
VR = 15 V
IR
200 nA max.
Reverse Voltage Breakdown
IR = 10 μA
VB
20 V min.


유사한 부품 번호 - MA4E1339

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
MA4E1339 MACOM-MA4E1339 Datasheet
118Kb / 4P
   Silicon Medium Barrier Schottky Diode
logo
M/A-COM Technology Solu...
MA4E1339 MA-COM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1339 MA-COM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1339A-1146T MA-COM-MA4E1339A-1146T Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1339A-287T MA-COM-MA4E1339A-287T Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
More results

유사한 설명 - MA4E1339

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
MA4E1339 MA-COM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1338 MA-COM-MA4E1338 Datasheet
126Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1340 MA-COM-MA4E1340_16 Datasheet
691Kb / 6P
   Silicon Medium Barrier Schottky Diodes
logo
Tyco Electronics
MA4E1338 MACOM-MA4E1338 Datasheet
123Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1340 MACOM-MA4E1340 Datasheet
142Kb / 7P
   Silicon Medium Barrier Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E1339_V9 MA-COM-MA4E1339_V9 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1339 MA-COM-MA4E1339_16 Datasheet
656Kb / 6P
   Silicon Medium Barrier Schottky Diodes
MA4E1340 MA-COM-MA4E1340 Datasheet
145Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MSS40-XXX-X MA-COM-MSS40-XXX-X Datasheet
702Kb / 5P
   Medium Barrier Silicon Schottky Diodes
MA4E1338_V7 MA-COM-MA4E1338_V7 Datasheet
126Kb / 7P
   Silicon Medium Barrier Schottky Diodes
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com