전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NE3210S01-T1B 데이터시트(PDF) 7 Page - California Eastern Labs

부품명 NE3210S01-T1B
상세설명  SUPER LOW NOISE HJ FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CEL [California Eastern Labs]
홈페이지  http://www.cel.com
Logo CEL - California Eastern Labs

NE3210S01-T1B 데이터시트(HTML) 7 Page - California Eastern Labs

  NE3210S01-T1B Datasheet HTML 1Page - California Eastern Labs NE3210S01-T1B Datasheet HTML 2Page - California Eastern Labs NE3210S01-T1B Datasheet HTML 3Page - California Eastern Labs NE3210S01-T1B Datasheet HTML 4Page - California Eastern Labs NE3210S01-T1B Datasheet HTML 5Page - California Eastern Labs NE3210S01-T1B Datasheet HTML 6Page - California Eastern Labs NE3210S01-T1B Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NE3210S01
NE3210S01 NONLINEAR MODEL
SCHEMATIC
CGD_PKG
0.001pF
Rsx
0.06 ohms
Lgx
CDS_PKG
0.035PF
CGS_PKG
0.04pF
Rdx
6 ohms
Lsx
0.1nH
SOURCE
DRAIN
Rgx
6 ohms
GATE
0.72nH
Ldx
0.68nH
Q1
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
FET NONLINEAR MODEL PARAMETERS (1)
Parameters
Q1
Parameters
Q1
VTO
-0.798
RG
8
VTOSC
0
RD
0.5
ALPHA
8
RS
3
BETA
0.0952
RGMET
0
GAMMA
0.072
KF
0
GAMMADC
0.065
AF
1
Q
2.5
TNOM
27
DELTA
0.5
XTI
3
VBI
0.6
EG
1.43
IS
1e-14
VTOTC
0
N
1
BETATCE
0
RIS
0
FFE
1
RID
0
TAU
4e-12
CDS
0.12e-12
RDB
5000
CBS
1e-9
CGSO
0.36e-12
CGDO
0.014e-12
DELTA1
0.3
DELTA2
0.6
FC
0.5
VBR
Infinity
(1) Series IV Libra TOM Model
Parameter
Units
time
seconds
capacitance
farads
inductance
henries
resistance
ohms
voltage
volts
current
amps
UNITS
MODEL RANGE
Frequency: 0.1 to 22.5 GHz
Bias:
VDS = 1 V to 3 V, ID = 5 mA to 30 mA
Date:
1/99
Updated: 9-13-06
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.10
1.001
-1.35
6.350
178.44
0.001
100.26
0.592
-0.73
-0.17
36.97
0.20
1.000
-2.51
6.337
177.12
0.002
90.28
0.589
-1.97
-0.01
34.46
0.30
1.000
-3.69
6.331
175.80
0.004
87.69
0.589
-2.99
0.01
32.52
0.40
0.998
-4.98
6.330
174.36
0.005
87.54
0.590
-3.85
0.05
31.37
0.50
0.995
-5.88
6.237
172.35
0.006
86.52
0.594
-4.39
0.11
30.44
0.70
0.991
-8.15
6.225
169.31
0.008
84.90
0.594
-6.19
0.15
28.93
1.00
0.986
-11.99
6.204
164.85
0.011
82.77
0.591
-8.54
0.19
27.38
1.50
0.974
-17.98
6.159
157.43
0.017
79.05
0.584
-12.82
0.24
25.64
2.00
0.956
-24.42
6.120
150.06
0.022
75.64
0.575
-16.80
0.31
24.38
2.50
0.934
-30.87
6.063
142.74
0.028
71.93
0.564
-20.81
0.38
23.41
3.00
0.908
-37.20
5.992
135.43
0.033
67.90
0.551
-24.92
0.45
22.62
3.50
0.878
-43.32
5.895
128.25
0.037
63.92
0.536
-28.84
0.53
21.97
4.00
0.845
-49.17
5.779
121.34
0.042
59.78
0.521
-32.40
0.61
21.43
5.00
0.777
-60.41
5.554
108.25
0.049
52.66
0.491
-38.43
0.76
20.57
6.00
0.709
-70.94
5.407
95.77
0.054
47.49
0.464
-44.02
0.88
19.97
7.00
0.630
-84.63
5.307
82.35
0.063
40.74
0.417
-51.35
0.96
19.23
8.00
0.513
-99.19
5.065
68.31
0.067
32.02
0.342
-57.35
1.16
16.31
9.00
0.420
-117.65
4.867
54.88
0.074
25.26
0.284
-66.38
1.25
15.21
10.00
0.342
-136.22
4.607
43.14
0.077
21.16
0.239
-72.34
1.34
14.25
11.00
0.334
-159.96
4.577
30.55
0.090
17.65
0.210
-88.57
1.21
14.32
12.00
0.340
170.90
4.426
15.93
0.102
9.26
0.146
-113.66
1.14
14.09
13.00
0.368
141.32
4.158
1.81
0.110
0.21
0.090
-161.41
1.13
13.54
14.00
0.412
115.91
3.825
-11.53
0.114
-8.01
0.112
135.76
1.16
12.85
15.00
0.485
98.43
3.540
-23.59
0.117
-15.36
0.177
108.58
1.14
12.57
16.00
0.560
84.46
3.281
-35.66
0.117
-21.73
0.242
93.80
1.11
12.45
17.00
0.638
73.45
3.045
-48.59
0.118
-28.19
0.327
83.95
1.04
12.92
18.00
0.709
63.12
2.727
-61.63
0.116
-35.54
0.419
74.18
0.98
13.70
19.00
0.755
54.05
2.418
-72.63
0.113
-41.78
0.496
67.89
0.94
13.32
20.00
0.787
47.82
2.146
-82.09
0.108
-46.06
0.543
62.26
0.92
12.99
21.00
0.807
44.84
1.962
-89.92
0.107
-49.01
0.573
57.59
0.88
12.63
22.00
0.837
40.34
1.815
-98.91
0.107
-54.84
0.614
53.81
0.77
12.29
23.00
0.852
35.93
1.686
-109.02
0.105
-61.41
0.648
49.53
0.67
12.07
24.00
0.846
31.86
1.548
-118.22
0.102
-66.55
0.675
46.40
0.64
11.83
25.00
0.849
26.10
1.488
-126.33
0.099
-70.76
0.677
46.14
0.59
11.77
26.00
0.840
25.54
1.467
-134.00
0.101
-72.25
0.655
40.16
0.62
11.62
26.50
0.835
26.02
1.446
-139.10
0.099
-74.52
0.660
34.52
0.63
11.63


유사한 부품 번호 - NE3210S01-T1B

제조업체부품명데이터시트상세설명
logo
NEC
NE3210S01-T1B NEC-NE3210S01-T1B Datasheet
62Kb / 16P
   X to Ku BAND SUPER LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3210S01-T1B RENESAS-NE3210S01-T1B Datasheet
197Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
More results

유사한 설명 - NE3210S01-T1B

제조업체부품명데이터시트상세설명
logo
California Eastern Labs
NE23300 CEL-NE23300 Datasheet
58Kb / 5P
   SUPER LOW NOISE HJ FET
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200 CEL-NE33200 Datasheet
87Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33284A NEC-NE33284A_98 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200N NEC-NE33200N Datasheet
85Kb / 7P
   SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE4210S01 CEL-NE4210S01 Datasheet
252Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE334S01 NEC-NE334S01_00 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
NE434S01 NEC-NE434S01_98 Datasheet
41Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE334S01 CEL-NE334S01 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
logo
NEC
NE23300 NEC-NE23300 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com