전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NE33284A-T1 데이터시트(PDF) 3 Page - NEC

부품명 NE33284A-T1
상세설명  SUPER LOW NOISE HJ FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

NE33284A-T1 데이터시트(HTML) 3 Page - NEC

  NE33284A-T1 Datasheet HTML 1Page - NEC NE33284A-T1 Datasheet HTML 2Page - NEC NE33284A-T1 Datasheet HTML 3Page - NEC NE33284A-T1 Datasheet HTML 4Page - NEC NE33284A-T1 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TYPICAL COMMON SOURCE SCATTERING PARAMETERS (TA = 25°C)
FREQUENCY
S11
S21
S12
S22
KS21
MAG1
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
(dB)
0.1
.999
-1.7
5.712
178.3
.002
89.2
.630
-1.2
0.2
.999
-4.0
5.660
176.3
.004
88.9
.630
-2.8
0.5
.998
-10.4
5.660
170.2
.011
83.5
.632
-7.0
1.0
.981
-21.3
5.604
160.0
.022
76.3
.627
-13.9
2.0
.935
-41.3
5.414
141.1
.041
65.0
.599
-26.9
3.0
.876
-60.8
5.117
123.0
.056
54.2
.564
-39.1
4.0
.809
-78.1
4.732
106.6
.071
44.7
.534
-49.8
5.0
.738
-94.7
4.382
91.7
.080
36.4
.492
-60.2
6.0
.671
-110.7
4.058
77.6
.087
29.1
.455
-69.9
7.0
.619
-125.6
3.746
64.1
.094
22.6
.430
-79.5
8.0
.578
-139.1
3.491
52.2
.100
18.4
.416
-88.6
9.0
.542
-151.7
3.289
40.1
.106
13.6
.405
-97.2
10.0
.499
-164.8
3.130
28.3
.113
7.2
.394
-106.0
11.0
.455
-179.3
2.995
16.4
.121
3.1
.377
-114.7
12.0
.431
164.4
2.855
4.7
.126
-2.3
.361
-125.2
13.0
.425
148.0
2.752
-6.8
.133
-8.1
.340
-137.0
14.0
.417
133.1
2.664
-17.9
.139
-13.5
.332
-149.2
15.0
.402
116.8
2.579
-30.2
.149
-20.8
.336
-161.8
16.0
.393
98.3
2.515
-42.7
.155
-29.0
.334
-174.8
17.0
.396
78.7
2.430
-55.5
.163
-37.4
.337
171.2
18.0
.426
61.5
2.348
-68.3
.170
-45.7
.333
156.8
19.0
.462
49.2
2.281
-80.1
.173
-56.0
.328
139.7
20.0
.491
33.8
2.208
-93.7
.176
-66.0
.320
121.8
0.05
15.1
34.6
0.02
15.1
31.5
0.04
15.1
27.1
0.14
15.0
24.1
0.25
14.7
21.2
0.36
14.2
19.6
0.47
13.5
18.2
0.59
12.8
17.4
0.70
12.2
16.7
0.79
11.5
16.0
0.85
10.9
15.4
0.90
10.3
14.9
0.96
9.9
14.4
1.00
9.5
13.7
1.04
9.1
12.3
1.04
8.8
11.9
1.04
8.5
11.5
1.03
8.2
11.4
1.03
8.0
11.1
1.01
7.7
11.0
0.99
7.4
11.4
0.96
7.2
11.2
0.96
6.9
11.0
Note:
1. Gain Calculations:
VDS = 2 v, IDS = 10 mA
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
NE33284A
j100
j50
j25
j10
-j100
-j50
-j25
0
S22
20 GHz
S22
.1 GHz
S11
20 GHz
S11
.1 GHz
10
25
50
100
+90
˚
+60
˚
+30
˚
+120
˚
-150
˚
-120
˚
-90
˚
-60
˚
-30
˚
0
˚
S21
20 GHz
S21
.1 GHz
S12
.1 GHz
S12
20 GHz
+150
˚
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,


유사한 부품 번호 - NE33284A-T1

제조업체부품명데이터시트상세설명
logo
NEC
NE33284A-T1 NEC-NE33284A-T1 Datasheet
62Kb / 10P
   L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE33284A-T1 CEL-NE33284A-T1 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33284A-T1A NEC-NE33284A-T1A Datasheet
62Kb / 10P
   L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

유사한 설명 - NE33284A-T1

제조업체부품명데이터시트상세설명
logo
California Eastern Labs
NE23300 CEL-NE23300 Datasheet
58Kb / 5P
   SUPER LOW NOISE HJ FET
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200 CEL-NE33200 Datasheet
87Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33200N NEC-NE33200N Datasheet
85Kb / 7P
   SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE3210S01 CEL-NE3210S01 Datasheet
414Kb / 7P
   SUPER LOW NOISE HJ FET
NE4210S01 CEL-NE4210S01 Datasheet
252Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE334S01 NEC-NE334S01_00 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
NE434S01 NEC-NE434S01_98 Datasheet
41Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE334S01 CEL-NE334S01 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
logo
NEC
NE23300 NEC-NE23300 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com