전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPC8106T 데이터시트(PDF) 4 Page - NEC

부품명 UPC8106T
상세설명  3 V, SILICON MMIC FREQUENCY UP-CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPC8106T 데이터시트(HTML) 4 Page - NEC

  UPC8106T_00 Datasheet HTML 1Page - NEC UPC8106T_00 Datasheet HTML 2Page - NEC UPC8106T_00 Datasheet HTML 3Page - NEC UPC8106T_00 Datasheet HTML 4Page - NEC UPC8106T_00 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
S11 - IF INPUT PORT
Start 50 MHz
Stop 1000 MHz
1:
154.64
-494.41
1.2876 pF
Marker 1 - 250 MHz
1
Start 500 MHz
Stop 2300 MHz
UPC8106T
TYPICAL PERFORMANCE CURVES (TA = 25°C)
LO LEAKAGE AT RF AND IF PINS vs.
LO INPUT FREQUENCY AT RF = 1.9 GHz
IF Input Level, PIFIN (dBm)
LO Input Frequency, fLOIN (GHz)
IM3 AND RF OUTPUT LEVEL vs. IF INPUT LEVEL
AND TEMPERATURE AT RF = 1.9 GHz
-80
-60
-40
-20
0
-40
-30
-20
-10
0
10
fIFIN1 = 240.0 MHz
fIFIN2 = 240.4 MHz
fLOIN = 1.660 GHz
VCC = VP/S = 3.0 V
PRFOUT
IM3
TA = 85
°C
TA = 85
°C
TA = -40
°C
TA = -40
°C
TA = -40
°C
TA = 85
°C
TA = 25
°C
TA = 25
°C
-50
01
2
3
-40
-30
-20
-10
0
LO to RF
LO to IF
fRFOUT = 1.9 GHz
PLOIN = -5 dBm
VCC = VP/S = 3.0 V
S11 - LO INPUT PORT
2:
12.050
-45.695
2.1780 pF
1:
13.961
-76.158
1.8332 pF
Marker 1 - 1.14 GHz
Marker 2 - 1.66 GHz
S11 - RF OUTPUT PORT
2:
13.845
-77.34
1.0850 pF
1:
20.633
-144.74
1.2218 pF
Marker 1 - 900 MHz
Marker 2 - 1.9 GHz
Start 0.3 MHz
Stop 3000 MHz
1
2
2
1


유사한 부품 번호 - UPC8106T_00

제조업체부품명데이터시트상세설명
logo
NEC
UPC8106T-E3 NEC-UPC8106T-E3 Datasheet
112Kb / 4P
   3 V, SILICON MMIC FREQUENCY UP-CONVERTER
UPC8106TB NEC-UPC8106TB Datasheet
185Kb / 24P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR/CORDLESS TELEPHONES
UPC8106TB NEC-UPC8106TB Datasheet
133Kb / 16P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR TELEPHONE
UPC8106TB NEC-UPC8106TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
UPC8106TB NEC-UPC8106TB Datasheet
121Kb / 8P
   SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
More results

유사한 설명 - UPC8106T_00

제조업체부품명데이터시트상세설명
logo
NEC
UPC8106T NEC-UPC8106T Datasheet
112Kb / 4P
   3 V, SILICON MMIC FREQUENCY UP-CONVERTER
UPC2757T NEC-UPC2757T Datasheet
44Kb / 4P
   3 V, SILICON MMIC FREQUENCY CONVERTER
logo
California Eastern Labs
UPC8112TB CEL-UPC8112TB Datasheet
173Kb / 5P
   3 V SILICON MMIC L-BAND FREQUENCY DOWN CONVERTER
logo
NEC
UPC8163TB NEC-UPC8163TB Datasheet
133Kb / 16P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR TELEPHONE
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
UPC8106TB NEC-UPC8106TB Datasheet
185Kb / 24P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR/CORDLESS TELEPHONES
UPC2753GR NEC-UPC2753GR Datasheet
72Kb / 6P
   3V, 400 MHz SILICON MMIC FREQUENCY CONVERTER
UPC2768GR NEC-UPC2768GR Datasheet
51Kb / 4P
   3V, 450 MHz SILICON MMIC FREQUENCY CONVERTER
logo
Mini-Circuits
SIM-U742MH++ MINI-SIM-U742MH+ Datasheet
205Kb / 2P
   Up Converter Frequency Mixer
logo
California Eastern Labs
UPC8106TB CEL-UPC8106TB Datasheet
224Kb / 10P
   3 V SILICON RFIC FREQUENCY UPCONVERTER
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com