전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCZ33099CEG 데이터시트(PDF) 3 Page - Freescale Semiconductor, Inc

부품명 MCZ33099CEG
상세설명  Adaptive Alternator Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33099CEG 데이터시트(HTML) 3 Page - Freescale Semiconductor, Inc

  MCZ33099CEG Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33099CEG Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33099CEG Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33099CEG Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33099CEG Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33099CEG Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33099CEG Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33099CEG Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33099CEG Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33099
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33099 Pin Connections
Table 1. PIN Function Description
Pin Number
Pin Name
Formal Name
Definition
1
GATE
GATE DRIVE
Controls the GATE of the MOSFET to control the alternator field current.
2
BAT
BATTERY
Primary power connection to the system battery.
3
GND
GROUND
Source lamp current and digital ground.
4
LAMP
DRAIN
LAMP DRAIN
Controls the Fault Lamp current.
5
LAMP
GATE
LAMP GATE
Controls the Fault Lamp internal driver as an override function.
6
IGN
IGNITION
Controls the ON or OFF function of the regulator.
7
8
LRC2
LRC1
LOAD RESPONSE
CONTROL 2
LOAD RESPONSE
CONTROL 1
Inputs for selecting the LRC rate.
9
AGND
ANALOG GROUND
Ground connection for analog circuitry.
10
REMOTE
REMOTE
Provides for external Kelvin connection to system battery.
11, 14
NC
NO CONNECT
No internal connection to this pin.
12
LRC TEST
LOAD RESPONSE
CONTROL TEST
Provides acceleration of LRC rate for testing.
13
PHASE
FILTER
PHASE FILTER
Provides access to Phase Resistive Divider for External Phase Filter capacitance.
15
PHASE
PHASE SENSE INPUT
Input for phase voltage.
16
SOURCE
SOURCE
Coupled to source of MOSFET to provide a GATE voltage reference and to monitor
for source shorts to ground.
GATE
GND
LAMP DRAIN
LAMP GATE
IGNITION
LRC2
LRC1
BAT
SOURCE
PHASE
NC
PHASE FILTER
LRC TEST
NC
REMOTE
AGND
2
3
4
5
6
7
8
16
14
13
12
11
10
15
9
1


유사한 부품 번호 - MCZ33099CEG

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MCZ33198EF FREESCALE-MCZ33198EF Datasheet
375Kb / 17P
   Automotive High-Side TMOS Driver
MCZ33198EFR2 FREESCALE-MCZ33198EFR2 Datasheet
375Kb / 17P
   Automotive High-Side TMOS Driver
MCZ33199EF FREESCALE-MCZ33199EF Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MCZ33199EF FREESCALE-MCZ33199EF Datasheet
414Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MCZ33199EFR2 FREESCALE-MCZ33199EFR2 Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
More results

유사한 설명 - MCZ33099CEG

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC33099 MOTOROLA-MC33099 Datasheet
295Kb / 20P
   Adaptive Alternator Voltage Regulator
logo
Unisonic Technologies
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
UAC3092 UTC-UAC3092_15 Datasheet
138Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
logo
Freescale Semiconductor...
MC33092A FREESCALE-MC33092A Datasheet
295Kb / 12P
   Alternator Voltage Regulator
logo
Unisonic Technologies
UAC33092 UTC-UAC33092 Datasheet
233Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
UAC3092A UTC-UAC3092A_15 Datasheet
113Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A_15 Datasheet
187Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com