전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCZ33198EFR2 데이터시트(PDF) 9 Page - Freescale Semiconductor, Inc

부품명 MCZ33198EFR2
상세설명  Automotive High-Side TMOS Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33198EFR2 데이터시트(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCZ33198EFR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33198EFR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33198EFR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33198EFR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33198EFR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33198EFR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33198EFR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33198EFR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33198EFR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33198
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
ELECTRICAL PERFORMANCE CURVES
Figure 6. Supply Current versus Supply Voltage.
Pin 7 = 0V
Figure 7. Supply Current versus Supply Voltage.
Pin 7 = 5.0V
Figure 8. Time Current versus Supply Voltage
Figure 9. Drain Current versus Supply Voltage
Figure 10. Fault Output Voltage versus Current
Figure 11. Gate Voltage versus Voltage
g
0
3
1
4
2
5
Ta = 125
°C
Ta = -40
°C
Ta = 25
°C
Vcc, SUPPLY VOLTAGE (V)
510
15
20
25
0
15
5
20
10
25
5
10
15
20
25
Vcc, SUPPLY VOLTAGE (V)
Vcc, SUPPLY VOLTAGE (V)
8
10
9
11
Ta = 125
°C
Ta = 25
°C
Ta = -40
°C
510
15
20
25
72
76
74
78
Vcc, SUPPLY VOLTAGE (V)
Ta = 125
°C
Ta = - 40
°C
80
Ta = 25
°C
510
15
20
25
04
5
3
12
0.5
1
1.5
2
FAULT OUTPUT CURRENT (mA)
Ta = 125
°C
Ta = -40
°C
Ta = 25
°C
Vcc, SUPPLY VOLTAGE (V)
125
°C
-40
°C
25
°C
510
15
20
25
40
35
30
25
15
20


유사한 부품 번호 - MCZ33198EFR2

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MCZ33199EF FREESCALE-MCZ33199EF Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MCZ33199EF FREESCALE-MCZ33199EF Datasheet
414Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MCZ33199EFR2 FREESCALE-MCZ33199EFR2 Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MCZ33199R2 FREESCALE-MCZ33199R2 Datasheet
414Kb / 18P
   Automotive ISO 9141 Serial Link Driver
More results

유사한 설명 - MCZ33198EFR2

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC33198 MOTOROLA-MC33198 Datasheet
296Kb / 11P
   Automotive High Side TMOS Driver
logo
Freescale Semiconductor...
MC33285 FREESCALE-MC33285 Datasheet
251Kb / 5P
   Automotive Dual High Side TMOS Driver
33285 FREESCALE-33285_07 Datasheet
317Kb / 13P
   Dual High-Side TMOS Driver
logo
Motorola, Inc
MC33091A MOTOROLA-MC33091A Datasheet
271Kb / 16P
   HIGH?밪IDE TMOS DRIVER
XC33487 MOTOROLA-XC33487 Datasheet
134Kb / 5P
   Automotive Dual High Side Driver
logo
Freescale Semiconductor...
MC33286 FREESCALE-MC33286 Datasheet
318Kb / 8P
   Automotive Dual High Side Driver
logo
ON Semiconductor
FAN7171-GF085 ONSEMI-FAN7171-GF085 Datasheet
1,003Kb / 10P
   High-Side Automotive Gate Driver IC
December-2017, Rev. 3
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
   Automotive octal low side driver or quad low side plus quad high side driver
April 2016 Rev 6
logo
Motorola, Inc
MC33385 MOTOROLA-MC33385 Datasheet
369Kb / 11P
   Automotive Quad Low Side Driver
logo
STMicroelectronics
VNQ5160KTR-E STMICROELECTRONICS-VNQ5160KTR-E Datasheet
469Kb / 30P
   Quad channel high side driver for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com