전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCZ33199EF 데이터시트(PDF) 5 Page - Freescale Semiconductor, Inc

부품명 MCZ33199EF
상세설명  Automotive ISO 9141 Serial Link Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33199EF 데이터시트(HTML) 5 Page - Freescale Semiconductor, Inc

  MCZ33199EF Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33199EF Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33199EF Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33199EF Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33199EF Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33199EF Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33199EF Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33199EF Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33199EF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33199
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions VCC from 4.5V to 5.5V, VS from 4.5V to 20V unless otherwise note. Typical values
reflect approximate mean at 25°C, nominal VCC and VS, at time of device characterization. Typical values noted reflect the
approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
VCC PIN 1
VCC Supply Voltage Range
VCC
4.5
5.5
V
VCC Supply Current (6)
ICC
0.5
1.0
1.5
V
REF-IN-L PIN 2 AND REF-IN-K PIN 3
REF-IN-L & REF-IN-K Input Voltage Range:
for 0 <VS< VCC
for VCC <VS< 40V
VINREF
2.0
2.0
VCC -2.0
VS -1.0
V
REF-IN-L & REF-IN-K Inputs Currents
IVIN
-5.0
5.0
µΑ
LO PIN 4
LO open Collector Output
Low Level Voltage @ IOUT = 1mA
Low Level Voltage @ IOUT = 4mA
VOL
0.34
0.7
0.8
V
RXD PIN 5
Pull up resistor to VCC
RRXD
1.5
2.0
2.5
k
Low Level Voltage @ IOUT=1mA
VOL
0.3
0.7
V
TXD PIN 6
High Level Input Voltage
VIH
0.7VCC
2.8
V
Low Level Input Voltage
VIL
2.0
0.3VCC
V
Input Current @ 0<VS<40V
TXD at High Level
TXD at Low Level
IH
II
-200
-600
30
-100
µΑ
DIA INPUT / OUTPUT PIN 9
Low Level Output Voltage @ I = 30mA
VOL
0.0
0.35
0.8
V
Drive Current Limit
ILIM
40
120
mA
High Level Input Threshold Voltage
(REF-IN-K connected to REF-OUT)
VIH
VREF MIN
0.25V
VREF
0.325V
VREF MAX
0.4V
V
Low Level Input Threshold Voltage
(REF-IN-K connected to REF-OUT)
VIL
VREF MIN
-0.2V
VREF
-0.125V
VREF MAX
-0.05V
V
Input Hysteresis
VHYST
300
450
600
mV
Leakage Current
ILEAK
4.0
10
16
µΑ
Over temperature Shutdown
TLIM
155
°C
Notes
5.
Measured with TXD=Vcc, I1=Vs, DIA & L high, no load, REF-IN-L and REF-IN-K connected to REF-OUT


유사한 부품 번호 - MCZ33199EF

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MCZ33199EF FREESCALE-MCZ33199EF Datasheet
414Kb / 18P
   Automotive ISO 9141 Serial Link Driver
More results

유사한 설명 - MCZ33199EF

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC33199DR2 FREESCALE-MC33199DR2 Datasheet
414Kb / 18P
   Automotive ISO 9141 Serial Link Driver
logo
Vishay Siliconix
AN602 VISHAY-AN602 Datasheet
49Kb / 3P
   Driver ICs for Automotive Diagnostic Communications Meet ISO 9141 Standards
16-Jan-01
logo
STMicroelectronics
L9637D STMICROELECTRONICS-L9637D Datasheet
151Kb / 10P
   ISO 9141 INTERFACE
L9637 STMICROELECTRONICS-L9637 Datasheet
81Kb / 11P
   ISO 9141 INTERFACE
E-L9637D STMICROELECTRONICS-E-L9637D Datasheet
179Kb / 15P
   Monolithic bus driver with ISO 9141 interface
logo
Freescale Semiconductor...
MC33660EFR2 FREESCALE-MC33660EFR2 Datasheet
419Kb / 14P
   ISO K Line Serial Link Interface
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290_16 Datasheet
303Kb / 8P
   ISO K Line Serial Link Interface
logo
Freescale Semiconductor...
MC33660EF FREESCALE-MC33660EF Datasheet
345Kb / 14P
   ISO K Line Serial Link Interface
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290 Datasheet
248Kb / 8P
   ISO K Line Serial Link Interface
logo
Freescale Semiconductor...
33290 FREESCALE-33290_08 Datasheet
786Kb / 12P
   ISO K Line Serial Link Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com