전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCZ33887EK 데이터시트(PDF) 4 Page - Freescale Semiconductor, Inc

부품명 MCZ33887EK
상세설명  5.0 A H-Bridge with Load Current Feedback
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33887EK 데이터시트(HTML) 4 Page - Freescale Semiconductor, Inc

  MCZ33887EK Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33887
PIN CONNECTIONS
Figure 4. 33887 Pin Connections
Table 2. PQFN PIN DEFINITIONS
A functional description of each pin can be found in the Functional Pin DescriptionS section, page 21.
Pin
Pin Name
Formal Name
Definition
1, 7, 10, 16,
19, 28, 31
NC
No Connect
No internal connection to this pin.
2
D1
Disable 1
Active HIGH input used to simultaneously tri-state disable both H-Bridge
outputs. When D1 is Logic HIGH, both outputs are tri-stated.
3
IN2
Logic Input Control 2
Logic input control of OUT2 (i.e., IN2 logic HIGH = OUT2 HIGH).
4
EN
Enable
Logic input Enable control of device (i.e., EN logic HIGH = full operation,
EN logic LOW = Sleep Mode).
5, 6, 12, 13, 34, 35
V+
Positive Power Supply
Positive supply connections.
8
AGND
Analog Ground
Low-current analog signal ground.
9
FS
Fault Status for H-Bridge
Open drain active LOW Fault Status output requiring a pull-up resistor to
5.0 V.
11
IN1
Logic Input Control 1
Logic input control of OUT1 (i.e., IN1 logic HIGH = OUT1 HIGH).
14, 15, 17, 18
OUT1
H-Bridge Output 1
Output 1 of H-Bridge.
20
FB
Feedback for H-Bridge
Current feedback output providing ground referenced 1/375th ratio of
H-Bridge high-side current.
21–26
PGND
Power Ground
High-current power ground.
27
D2
Disable 2
Active LOW input used to simultaneously tri-state disable both H-Bridge
outputs. When D2 is Logic LOW, both outputs are tri-stated.
29, 30, 32, 33
OUT2
H-Bridge Output 2
Output 2 of H-Bridge.
36
CCP
Charge Pump Capacitor
External reservoir capacitor connection for internal charge pump
capacitor.
Pad
Thermal
Interface
Exposed Pad Thermal
Interface
Exposed pad thermal interface for sinking heat from the device.
Note: Must be DC-coupled to analog ground and power ground via very
low impedance path to prevent injection of spurious signals into IC
substrate.
D2
NC
28
27
26
25
24
23
22
21
2
3
4
5
6
7
8
9
PGND
PGND
PGND
PGND
PGND
PGND
IN2
D1
EN
V+
V+
NC
AGND
FS
20
FB
19
NC
10
NC
1
NC
Transparent Top View of Package


유사한 부품 번호 - MCZ33887EK

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MCZ33887EK FREESCALE-MCZ33887EK Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
MCZ33887EKR2 FREESCALE-MCZ33887EKR2 Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
More results

유사한 설명 - MCZ33887EK

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC33887 MOTOROLA-MC33887 Datasheet
485Kb / 28P
   5.0 A H-Bridge with Load Current Feedback
logo
Freescale Semiconductor...
33887 FREESCALE-33887_08 Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
33887 FREESCALE-33887_11 Datasheet
902Kb / 37P
   5.0 A H-Bridge with Load Current Feedback
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
   5.0 A H BRIDGE
logo
Freescale Semiconductor...
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
   5.0 A H-Bridge
33886 FREESCALE-33886 Datasheet
570Kb / 25P
   5.0 A H-Bridge
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
   5.0 A H-Bridge
MC34932 FREESCALE-MC34932 Datasheet
872Kb / 24P
   Dual 5.0 A H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
   5.0 A Throttle Control H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com