전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCZ33990EFR2 데이터시트(PDF) 7 Page - Freescale Semiconductor, Inc

부품명 MCZ33990EFR2
상세설명  Enhanced Class B Serial Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33990EFR2 데이터시트(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCZ33990EFR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33990EFR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33990EFR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33990EFR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33990EFR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33990EFR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33990EFR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33990EFR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33990EFR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33990
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 5. Dynamic Electrical Characteristics
Characteristics noted under conditions of 7.0 V
≤ V
BAT ≤ 16 V, -40°C ≤ TA ≤ 125°C, SLEEP = 5.0 V unless otherwise noted.
Typical values reflect the parameter's approximate midpoint average value with VBAT = 13 V, TA = 25°C. All positive currents
are into the pin. All negative currents are out of the pin.
Characteristic
Symbol
Min
Typ
Max
Unit
BUS
BUS Voltage Rise Time (10) (9.0 V
≤ V
BAT ≤ 16 V, Tx = 7.812 kHz Square
Wave) (see Figure 6)
BUS Load = 3,300 pF and 1.38 k
Ω to GND
BUS Load = 16,500 pF and 300
Ω to GND
trise(BUS)
9.0
9.0
11.15
11.86
15
15
µs
BUS Voltage Fall Time (10) (9.0 V
≤ V
BAT ≤ 16 V, Tx = 7.812 kHz Square
Wave) (see Figure 6)
BUS Load = 3,300 pF and 1.38 k
Ω to GND
BUS Load = 16,500 pF and 300
Ω to GND
tfall(BUS)
9.0
9.0
10.50
11.17
15
15
µs
Pulse Width Distortion Time (9.0 V
≤ V
BAT ≤ 16 V, Tx = 7.812 kHz Square
Wave) (see Figure 7)
BUS Load = 3,300 pF and 1.38 k
Ω to GND
tpwd(BUS)
35
62
93
µs
Propagation Delay
TX Threshold to RX Threshold
tpd(BUS)
17.7
25
µs
TX
TX to BUS Delay Time (Tx = 2.5 V to VBUS = 3.875 V) (Figure 8)
4X Mode
Normal Mode
tTxDelay
13
2.6
17.3
4.0
24
µs
SLEEP
to Tx Setup Time (Figure 8)
tSLEEPTxSU
80
40
µs
RX
RX Output Delay Time (TX = 2.5 V to VBUS = 3.875 V) (see Figure 9)
Low-to-Output High
High-to-Output Low
tRxDelay/L–H
tRxDelay/H–L
0.11
0.38
2.0
2.0
µs
RX Output Transition Time (CRx = 50 pF to GND, 10% and 90% Points)
(see Figure 10)
Low-to-Output High
High-to-Output Low
tRxTrans/L–H
tRxTrans/H–L
0.34
0.08
1.0
1.0
µs
Rx Output Transition Time (11) (CRx = 50 pF to GND, SLEEP = 0 V, 10% and
90% Points) (see Figure 10)
Low-to-Output High
High-to-Output Low
tRxTrans/L–H
tRxTrans/H–L
0.32
0.08
5.0
5.0
µs
Notes
10.
Typical is the parameter's approximate average value with VBAT = 13 V, TA = 25°C.
11.
RX Output Transition Time from a sleep state.


유사한 부품 번호 - MCZ33990EFR2

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MCZ33990EF/R2 FREESCALE-MCZ33990EF/R2 Datasheet
1Mb / 16P
   Enhanced Class B Serial Transceiver
More results

유사한 설명 - MCZ33990EFR2

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC33990 FREESCALE-MC33990 Datasheet
455Kb / 16P
   Enhanced Class B Serial Transceiver
MC33990 FREESCALE-MC33990_08 Datasheet
1Mb / 16P
   Enhanced Class B Serial Transceiver
33390 FREESCALE-33390 Datasheet
416Kb / 15P
   Class B Serial Transceiver
logo
Motorola, Inc
MC33390 MOTOROLA-MC33390 Datasheet
450Kb / 16P
   Class B Serial Transceiver
logo
Source Photonics, Inc.
SFU-43-48H-HP-RDE SOURCE-SFU-43-48H-HP-RDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
SFU-43-48H-HP-TDE SOURCE-SFU-43-48H-HP-TDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
logo
Finisar Corporation.
FTGN3025Q1TAS FINISAR-FTGN3025Q1TAS Datasheet
99Kb / 10P
   GPON ONU Class B Pigtailed RoHS Compliant Transceiver
FTGL2025S1TUS FINISAR-FTGL2025S1TUS Datasheet
91Kb / 10P
   GPON OLT Class B Pigtailed RoHS Compliant Transceiver
logo
Integrated Device Techn...
MC68160A IDT-MC68160A Datasheet
577Kb / 30P
   Enhanced Ethernet Transceiver
logo
Melexis Microelectronic...
TH8082 MELEXIS-TH8082 Datasheet
648Kb / 26P
   Enhanced SoloLIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com