전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC34920EIR2 데이터시트(PDF) 5 Page - Freescale Semiconductor, Inc

부품명 MC34920EIR2
상세설명  2.8 ohm (Typ) Quad H-Bridge Motor Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34920EIR2 데이터시트(HTML) 5 Page - Freescale Semiconductor, Inc

  MC34920EIR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34920EIR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34920EIR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34920EIR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34920EIR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34920EIR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34920EIR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34920EIR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34920EIR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
34920
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
VB+ Supply Voltage
VVB+
45
V
VCC Voltage
VCC(MAX)
7.0
V
Bridge Output Current
IOUT
1.5
A
Maximum Voltage on RESET (1)
VMAXRST
VCC - 0.5
V
ESD Voltage (2)
Human Body Model
Machine Model
VESD1
VESD2
±1000
±100
V
THERMAL RATINGS
Storage Temperature
TSTG
-40 to 175
°C
Operating Ambient Temperature
TA
0 to 70
°C
Operating Junction Temperature
TJ
135
°C
Power Dissipation (TA = 25° C)
(3)
PD
2.0
W
Pin Soldering Temperature (4)
TSOLDER
220
°C
Thermal Resistance, Junction to Ambient (5)
RθJA
37
°C/W
Notes
1.
RESET
is an open drain (open collector) output with an internal pull-up resistor.
2.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω), the Machine Model (MM)
(CZAP = 200 pF, RZAP = 0 Ω), and the Charge Device Model (CDM), Robotic (CZAP = 4.0pF).
3.
Maximum power dissipation at indicated ambient temperature in free air with no heatsink used.
4.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
5.
RθJA is dependent on customer application and PCB layout.


유사한 부품 번호 - MC34920EIR2

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC34920 MOTOROLA-MC34920 Datasheet
813Kb / 28P
   2.8 OHM (Typ) Quad H-Bridge Motor Driver
More results

유사한 설명 - MC34920EIR2

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC34920 MOTOROLA-MC34920 Datasheet
813Kb / 28P
   2.8 OHM (Typ) Quad H-Bridge Motor Driver
logo
Princeton Technology Co...
PT2475 PTC-PT2475 Datasheet
86Kb / 4P
   1.2A Quad H-Bridge Motor Driver
logo
ON Semiconductor
LV8414CS ONSEMI-LV8414CS Datasheet
357Kb / 37P
   Quad H-Bridge Micro Step Motor Driver
March 2015 - Rev. 3
logo
ATMEL Corporation
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
   H-bridge Motor Driver
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
   H-bridge Motor Driver
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
[Old version datasheet]   H-Bridge Motor Driver
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
   H-bridge Motor Driver
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
   H-bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Cirrus Logic
SA60 CIRRUS-SA60 Datasheet
459Kb / 6P
   H-Bridge Motor Driver/Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com