전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC34921AER2 데이터시트(PDF) 4 Page - Freescale Semiconductor, Inc

부품명 MC34921AER2
상세설명  Configurable Motor Driver IC with Power Supplies
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34921AER2 데이터시트(HTML) 4 Page - Freescale Semiconductor, Inc

  MC34921AER2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34921AER2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34921AER2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34921AER2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34921AER2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34921AER2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34921AER2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34921AER2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34921AER2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
34921
TERMINAL CONNECTIONS
10
3.3 V SWITCH
3.3 V Switching
Regulator Switch
Output
3.3 V regulator switching output.
11
3.3 V
3.3 V Regulator
Feedback
Feedback terminal for 3.3 V switching regulator and internal logic supply.
12
V
CORE SUPPLY
Core Voltage
Regulator Input
Core regulator input supply.
13
V
CORE
Core Voltage
Regulator Output
Core regulator output voltage.
14, 15
ADCMA
DC Motor A Output A
DC motor driver A output A.
18, 19
ADCMB
DC Motor A Output B
DC motor driver A output B.
22
VBOOST
Boost Voltage
Boost voltage storage node.
23
CP2
Switching Capacitor 2
Charge pump capacitor connection 2.
26
CP1
Switching Capacitor 1
Charge pump capacitor connection 1.
27
GATEOUT
High-Side MOSFET
Gate Driver
Gate driver for external N-channel switch.
30, 31
BDCMB
DC Motor B Output B
DC motor driver B output B.
34, 35
BDCMA
DC Motor B Output A
DC motor driver B output A.
36
5 V SELECT
5.0 V Regulator Mode
Select
5.0 V regulator operating mode select.
37
5 V SWITCH
5.0 V Switching
Regulator Switch
Output
5.0 V switching regulator switching output.
38
5 V SUPPLY
5.0 V Regulator Input
Supply
5.0 V regulator input voltage.
39
5 V
5.0 V Regulator
Feedback
5.0 V regulator feedback.
42
AN0/ANALOGOUT_A
AN0/Analogout_A
A/D input 0 or analog encoder output A.
43
AN1/ANALOGOUT_B
AN1/Analogout_B
A/D input 1 or analog encoder output B.
44
AN2/ANALOGIN_A
AN2/Analogin_A
A/D input 2 or analog encoder input A.
45
AN3/ANALOGIN_B
AN3/Analogin_B
A/D input 3 or analog encoder input B.
46
ENC_FILTB
Analog Encoder
Channel B Filter
I/V amplifier channel B filter.
47
ENC_FILTA
Analog Encoder
Channel A Filter
I/V amplifier channel A filter.
50
RST
Reset
Reset input and output.
51
MISO
Master In Slave Out
Serial data out to MCU.
52
MOSI
Master Out Slave In
Serial data in from MCU.
53
SCLK
Serial Clock
Serial data clock.
Table 1. Terminal Function Description (continued)
A functional description of each terminal can be found in the Functional Terminal Description section beginning on page 18
Terminal
Terminal Name
Formal Name
Definition


유사한 부품 번호 - MC34921AER2

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MC34921AE ETC-MC34921AE Datasheet
603Kb / 36P
   Configurable Motor Driver IC with Power Supplies
More results

유사한 설명 - MC34921AER2

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MC34921 ETC-MC34921 Datasheet
603Kb / 36P
   Configurable Motor Driver IC with Power Supplies
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
   Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
   STEPPING MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
logo
Toshiba Semiconductor
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
   Stepping Motor Driver IC
logo
Allegro MicroSystems
SLA7075M ALLEGRO-SLA7075M Datasheet
363Kb / 13P
   Motor Driver IC Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com