전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

WP7700C4SURC-G 데이터시트(PDF) 3 Page - Kingbright Corporation

부품명 WP7700C4SURC-G
부품 상세설명  SnapLED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KINGBRIGHT [Kingbright Corporation]
홈페이지  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7700C4SURC-G 데이터시트(HTML) 3 Page - Kingbright Corporation

  WP7700C4SURC-G Datasheet HTML 1Page - Kingbright Corporation WP7700C4SURC-G Datasheet HTML 2Page - Kingbright Corporation WP7700C4SURC-G Datasheet HTML 3Page - Kingbright Corporation WP7700C4SURC-G Datasheet HTML 4Page - Kingbright Corporation WP7700C4SURC-G Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPEC NO: DSAF6134
REV NO: V.3
DATE: MAY/04/2007
PAGE: 3 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101015246
Notes:
1.Luminous intensity is measured with an integrating sphere after the device has stabilized; Luminous Intensity / luminous flux: +/-15%.
2.θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Note:
1.The dominant wavelength is derived from the CIE Chromaticity Diagram and represents the perceived color of the device; Wavelength: +/-1nm.
Note:
1. Forward Voltage: +/-0.1V.
PARAMETER
SUR/G
UNITS
DC Forward Current
70
mA
Power dissipation
182
mW
Reverse Voltage
5
V
Operating Temperature
-40 To +85
°
C
Storage Temperature
-55 To +85
°
C
Absolute Maximum Ratings at TA=25°C
Selection Guide
Part No.
LED COLOR
Iv(cd)[1]
@70mA
Min.
Typ.
Viewing Angle[2]
2θ1/2
Typ.
WP7700C4SURC/G
Hyper Red (InGaAIP)
4.7
7
30
°
DEVICE
TYPE
PEAK
WAVELENGTH
λPEAK (nm)
TYP.
DOMINANT[1]
WAVELENGTH
λDOM (nm)
TYP.
SPECTRAL LINE
WAVELENGTH
Δλ1/2(nm)
TYP.
SUR/G
640
630
22
Optical Characteristics at TA=25°C
IF=70mA Rθj-a=200°C/W
Electrical Characteristics at TA=25°C
DEVICE
TYPE
REVERSE CURRENT
IR (uA)
@
VR=5V
CAPACITANCE
C (pF)
@
VF=0V F=1MHZ
THERMAL
RESISTANCE
Rθj -pin
°C/W
MIN.
TYP.
MAX.
MAX.
TYP.
TYP.
SUR/G
2.1
2.3
2.6
10
45
125
FORWARD VOLTAGE [1]
VF (VOLTS)
@
IF=70mA


Html Pages

1  2  3  4  5 


데이터시트 다운로드

Go To PDF Page

관련 부품명

부품명부품 상세설명Html View제조업체
WP7700C4QBC-D SnapLED 1  2  3  4  5  Kingbright Corporation
WP7700C4SEC-J SnapLED 1  2  3  4  5  Kingbright Corporation

링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn