전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

WP7700C4SYC-J 데이터시트(PDF) 2 Page - Kingbright Corporation

부품명 WP7700C4SYC-J
부품 상세설명  SnapLED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KINGBRIGHT [Kingbright Corporation]
홈페이지  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7700C4SYC-J 데이터시트(HTML) 2 Page - Kingbright Corporation

  WP7700C4SYC-J Datasheet HTML 1Page - Kingbright Corporation WP7700C4SYC-J Datasheet HTML 2Page - Kingbright Corporation WP7700C4SYC-J Datasheet HTML 3Page - Kingbright Corporation WP7700C4SYC-J Datasheet HTML 4Page - Kingbright Corporation WP7700C4SYC-J Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAH3829
REV NO: V.1
DATE: APR/29/2007
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101017240
Outline Drawings
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
± 0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.


Html Pages

1  2  3  4  5 


데이터시트 다운로드

Go To PDF Page

관련 부품명

부품명부품 상세설명Html View제조업체
WP7700C4QBC-D SnapLED 1  2  3  4  5  Kingbright Corporation
WP7700C4SEC-J SnapLED 1  2  3  4  5  Kingbright Corporation
WP7700C4SURC-G SnapLED 1  2  3  4  5  Kingbright Corporation

링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn