전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP3H6115A 데이터시트(PDF) 1 Page - Freescale Semiconductor, Inc

부품명 MP3H6115A
상세설명  High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MP3H6115A 데이터시트(HTML) 1 Page - Freescale Semiconductor, Inc

  MP3H6115A Datasheet HTML 1Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 2Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 3Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 4Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 5Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 6Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 7Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 8Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP3H6115A
Rev 2, 09/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2006. All rights reserved.
High Temperature Accuracy
Integrated Silicon Pressure Sensor
for Measuring Absolute Pressure,
On-Chip Signal Conditioned,
Temperature Compensated
and Calibrated
Freescale's MP3H6115A series sensor integrates on-chip, bipolar op amp
circuitry and thin film resistor networks to provide a high output signal and
temperature compensation. The small form factor and high reliability of on-chip
integration make the Freescale pressure sensor a logical and economical choice
for the system designer.
The MP3H6115A series piezoresistive transducer is a state-of-the-art,
monolithic, signal conditioned, silicon pressure sensor. This sensor combines
advanced micromachining techniques, thin film metallization, and bipolar
semiconductor processing to provide an accurate, high level analog output signal
that is proportional to applied pressure.
Figure 1 shows a block diagram of the internal circuitry integrated on a
pressure sensor chip.
Features
Improved Accuracy at High Temperature
Available in Super Small Outline Package
1.5% Maximum Error over 0
° to 85°C
Ideally suited for Microprocessor or Microcontroller-Based Systems
Temperature Compensated from -40
° to +125°C
Durable Thermoplastic (PPS) Surface Mount Package
Application Examples
Aviation Altimeters
Industrial Controls
Engine Control/Manifold Absolute Pressure (MAP)
Weather Station and Weather Reporting Device Barometers
ORDERING INFORMATION
Device
Type
Options
Case
No.
MPX Series
Order No.
Packing
Options
Marking
Basic Element
Absolute, Element Only
1317
MP3H6115A6U
Rails
MP3H6115A
Absolute, Element Only
1317
MP3H6115A6T1
Tape and Reel
MP3H6115A
Ported
Element
Absolute, Axial Port
1317A
MP3H6115AC6U
Rails
MP3H6115A
Absolute, Axial Port
1317A
MP3H6115AC6T1
Tape and Reel
MP3H6115A
MP3H6115A
SERIES
INTEGRATED
PRESSURE SENSOR
15 TO 115 KPA (2.2 TO 16.7 PSI)
0.12 TO 2.9 VOLTS OUTPUT
SUPER SMALL OUTLINE PACKAGE
MP3H6115A6U/T1
CASE 1317-04
MP3H6115AC6U/T1
CASE 1317A-03
NOTE: Pins 1, 5, 6, 7, and 8 are internal device
connections. Do not connect to external
circuitry or ground. Pin 1 is denoted by
the chamfered corner of the package.
PIN NUMBER
1
N/C
5
N/C
2
VS
6
N/C
3
GND
7
N/C
4
VOUT
8
N/C


유사한 부품 번호 - MP3H6115A

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MP3H6115A FREESCALE-MP3H6115A Datasheet
180Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure On-Chip Signal Conditioned, Temperature Compensat
MP3H6115A FREESCALE-MP3H6115A Datasheet
180Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
NXP Semiconductors
MP3H6115A NXP-MP3H6115A Datasheet
246Kb / 14P
   MP3H6115A, 15 to 115 kPa, Absolute, Integrated Pressure Sensor
Rev. 6.1, 06/2015
logo
Freescale Semiconductor...
MP3H6115A6T1 FREESCALE-MP3H6115A6T1 Datasheet
180Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure On-Chip Signal Conditioned, Temperature Compensat
MP3H6115A6T1 FREESCALE-MP3H6115A6T1 Datasheet
180Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
More results

유사한 설명 - MP3H6115A

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MPXV6115V FREESCALE-MPXV6115V_12 Datasheet
111Kb / 9P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned
MP3H6115A FREESCALE-MP3H6115A Datasheet
180Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure On-Chip Signal Conditioned, Temperature Compensat
MPXH6300A FREESCALE-MPXH6300A Datasheet
263Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXH6250A FREESCALE-MPXH6250A Datasheet
254Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXH6400A FREESCALE-MPXH6400A_07 Datasheet
254Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXH6250A FREESCALE-MPXH6250A_12 Datasheet
181Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXA6115A FREESCALE-MPXA6115A_11 Datasheet
304Kb / 16P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MP3H6115A FREESCALE-MP3H6115A_12 Datasheet
187Kb / 13P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPX4200A FREESCALE-MPX4200A Datasheet
161Kb / 6P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature
MPX4101A FREESCALE-MPX4101A Datasheet
260Kb / 12P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com