전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMPC860TZQ50D4 데이터시트(PDF) 50 Page - Freescale Semiconductor, Inc

부품명 KMPC860TZQ50D4
상세설명  Hardware Specifications
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC860TZQ50D4 데이터시트(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button KMPC860TZQ50D4 Datasheet HTML 46Page - Freescale Semiconductor, Inc KMPC860TZQ50D4 Datasheet HTML 47Page - Freescale Semiconductor, Inc KMPC860TZQ50D4 Datasheet HTML 48Page - Freescale Semiconductor, Inc KMPC860TZQ50D4 Datasheet HTML 49Page - Freescale Semiconductor, Inc KMPC860TZQ50D4 Datasheet HTML 50Page - Freescale Semiconductor, Inc KMPC860TZQ50D4 Datasheet HTML 51Page - Freescale Semiconductor, Inc KMPC860TZQ50D4 Datasheet HTML 52Page - Freescale Semiconductor, Inc KMPC860TZQ50D4 Datasheet HTML 53Page - Freescale Semiconductor, Inc KMPC860TZQ50D4 Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 80 page
background image
MPC860 Family Hardware Specifications, Rev. 7
50
Freescale Semiconductor
CPM Electrical Characteristics
75
L1RSYNC, L1TSYNC rise/fall time
15.00
ns
76
L1RXD valid to L1CLK edge (L1RXD setup time)
17.00
ns
77
L1CLK edge to L1RXD invalid (L1RXD hold time)
13.00
ns
78
L1CLK edge to L1ST(1–4) valid 4
10.00
45.00
ns
78A
L1SYNC valid to L1ST(1–4) valid
10.00
45.00
ns
79
L1CLK edge to L1ST(1–4) invalid
10.00
45.00
ns
80
L1CLK edge to L1TXD valid
10.00
55.00
ns
80A
L1TSYNC valid to L1TXD valid 4
10.00
55.00
ns
81
L1CLK edge to L1TXD high impedance
0.00
42.00
ns
82
L1RCLK, L1TCLK frequency (DSC =1)
16.00 or
SYNCCLK/2
MHz
83
L1RCLK, L1TCLK width low (DSC =1)
P + 10
ns
83a
L1RCLK, L1TCLK width high (DSC = 1)3
P + 10
ns
84
L1CLK edge to L1CLKO valid (DSC = 1)
30.00
ns
85
L1RQ valid before falling edge of L1TSYNC4
1.00
L1TCL
K
86
L1GR setup time2
42.00
ns
87
L1GR hold time
42.00
ns
88
L1CLK edge to L1SYNC valid (FSD = 00) CNT = 0000, BYT = 0,
DSC = 0)
0.00
ns
1
The ratio SYNCCLK/L1RCLK must be greater than 2.5/1.
2
These specs are valid for IDL mode only.
3
Where P = 1/CLKOUT. Thus, for a 25-MHz CLKO1 rate, P = 40 ns.
4
These strobes and TxD on the first bit of the frame become valid after L1CLK edge or L1SYNC, whichever comes
later.
Table 19. SI Timing (continued)
Num
Characteristic
All Frequencies
Unit
Min
Max


유사한 부품 번호 - KMPC860TZQ50D4

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
KMPC860TZQ50D4 FREESCALE-KMPC860TZQ50D4 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
More results

유사한 설명 - KMPC860TZQ50D4

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
   Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
   Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
   Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
   Hardware Specifications
MPC8250 FREESCALE-MPC8250_05 Datasheet
1Mb / 60P
   Hardware Specifications
MPC852T FREESCALE-MPC852T Datasheet
3Mb / 80P
   Hardware Specifications
MPC875 FREESCALE-MPC875 Datasheet
1Mb / 84P
   Hardware Specifications
MPC866 FREESCALE-MPC866 Datasheet
1Mb / 96P
   Hardware Specifications
logo
Motorola, Inc
MPC857T MOTOROLA-MPC857T Datasheet
1Mb / 88P
   Hardware Specifications
logo
Freescale Semiconductor...
MPC880 FREESCALE-MPC880 Datasheet
1Mb / 92P
   Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com