전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CZRT55C2V4-G 데이터시트(PDF) 2 Page - Comchip Technology

부품명 CZRT55C2V4-G
상세설명  Surface Mount Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRT55C2V4-G 데이터시트(HTML) 2 Page - Comchip Technology

  CZRT55C2V4-G Datasheet HTML 1Page - Comchip Technology CZRT55C2V4-G Datasheet HTML 2Page - Comchip Technology CZRT55C2V4-G Datasheet HTML 3Page - Comchip Technology CZRT55C2V4-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page2
Comhip Technology Corporation . Tel:510-657-8671 . Fax: 657-8921 . www.comchiptech.com
CZRT55C2V4-G thru CZRT55C39-G
Surface Mount Zener Diodes
“-G” suffix designated RoHS compliant version
IZM@ TA
Nom. V Min. V
Max. V
Ohm
mA
Ohm
mA
nA
V
mA
CZRT55C2V4-G
2.4
2.28
2.56
8 5
5
600
1
100000
1
-0.075
-
CZRT55C2V7-G
2.7
2.5
2.9
83
5
500
1
75000
1
-0.065
134
CZRT55C3V0-G
3.0
2.8
3.2
95
5
500
1
50000
1
-0.06
118
CZRT55C3V3-G
3.3
3.1
3.5
95
5
500
1
25000
1
-0.055
109
CZRT55C3V6-G
3.6
3.4
3.8
9 5
5
500
1
15000
1
-0.055
100
CZRT55C3V9-G
3.9
3.7
4.1
95
5
500
1
10000
1
-0.05
92
CZRT55C4V3-G
4.3
4
4.6
95
5
500
1
5000
1
-0.035
84
CZRT55C4V7-G
4.7
4.4
5
78
5
500
1
5000
2
-0.015
76
CZRT55C5V1-G
5.1
4.8
5.4
60
5
480
1
100
0.8
0.005
67
CZRT55C5V6-G
5.6
5.2
6
40
5
400
1
100
1
0.02
59
CZRT55C6V2-G
6.2
5.8
6.6
10
5
200
1
100
2
0.03
54
CZRT55C6V8-G
6.8
6.4
7.2
8
5
150
1
100
3
0.045
49
CZRT55C7V5-G
7.5
7
7.9
7
5
50
1
100
5
0.05
44
CZRT55C8V2-G
8.2
7.7
8.7
7
5
50
1
100
6
0.055
40
CZRT55C9V1-G
9.1
8.5
9.6
10
5
50
1
100
7
0.065
36
CZRT55C10-G
10.0
9.4
10.6
15
5
70
1
100
7.5
0.07
33
CZRT55C11-G
11.0
10.4
11.6
20
5
70
1
100
8.5
0.075
30
CZRT55C12-G
12.0
11.4
12.7
20
5
90
1
100
9
0.08
28
CZRT55C13-G
13.0
12.4
14.1
25
5
110
1
100
10
0.08
25
CZRT55C15-G
15
13.8
15.6
30
5
110
1
100
11
0.09
23
CZRT55C16-G
16
15.3
17.1
40
5
170
1
100
12
0.09
20
CZRT55C18-G
18
16.8
19.1
50
5
170
1
100
14
0.09
18
CZRT55C20-G
20
18.8
21.2
50
5
220
1
100
15
0.09
17
CZRT55C22-G
22
20.8
23.3
55
5
220
1
100
17
0.09
16
CZRT55C24-G
24
22.8
25.6
80
5
220
1
100
18
0.09
13
CZRT55C27-G
27
25.1
28.9
80
5
250
1
100
20
0.09
12
CZRT55C30-G
30
28
32
80
5
250
1
100
22.5
0.09
10
CZRT55C33-G
33
31
35
80
5
250
1
100
25
0.09
9
CZRT55C36-G
36
34
38
90
5
250
1
100
27
0.09
9
CZRT55C39-G
39
37
41
90
5
300
1
100
29
0.11
8
NOTE:
1.Tolerance and Type Number Designation. The type numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
2.Specials Available Include:
A. Nominal zener voltages between the voltages shown and tighter voltage tolerances.
B. Matched sets.
3.Zener Voltage (VZ) Measurement. Guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature (TL) at 30OC, fromthe diode body.
4.Zener Impedance (ZZ) Derivation. The zener impedance is derived from the 60 cycle ac voltage, which results when an AC current having an rms value equal to 10% of the dc zener
current (IZT or IZK) is superimposed on IZT or IZK.
5.Surge Current (IR) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine
wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC registration; however, actual device capability is as described in Figure 5.
Maximum Ratings and Electrical Characterics
(TA=25°C unless otherwise noted) VF=1.2V max, IF=100mA for all types
Max. Zener Impedance
Nominal Zener Voltage
410 mWatts Zener Diodes
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
Part Number
IR @ VR
Max Reverse
Leakage
Current
Max Zener
Current
Typical
Temp.
Coefficient
TC


유사한 부품 번호 - CZRT55C2V4-G

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CZRT55C2V4 COMCHIP-CZRT55C2V4 Datasheet
70Kb / 4P
   Surface Mount Zener Diodes
More results

유사한 설명 - CZRT55C2V4-G

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com